Electronic Components Datasheet Search
  English  ▼

X  

SM320C6201GLE Datasheet(PDF) 25 Page - Texas Instruments

Part # SM320C6201GLE
Description  DIGITAL SIGNAL PROCESSORS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6201GLE Datasheet(HTML) 25 Page - Texas Instruments

Back Button SM320C6201GLE Datasheet HTML 21Page - Texas Instruments SM320C6201GLE Datasheet HTML 22Page - Texas Instruments SM320C6201GLE Datasheet HTML 23Page - Texas Instruments SM320C6201GLE Datasheet HTML 24Page - Texas Instruments SM320C6201GLE Datasheet HTML 25Page - Texas Instruments SM320C6201GLE Datasheet HTML 26Page - Texas Instruments SM320C6201GLE Datasheet HTML 27Page - Texas Instruments SM320C6201GLE Datasheet HTML 28Page - Texas Instruments SM320C6201GLE Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
SM320C6201, SMJ320C6201B
DIGITAL SIGNAL PROCESSORS
SGUS028A – NOVEMBER 1998 – REVISED JANUARY 1999
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device and development-support tool nomenclature (continued)
PREFIX
DEVICE SPEED RANGE
SMJ 320
C 6201
GGP –200
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMX = Prototype device
SMJ = High Rel (Mil SMD)
SM = High Rel (non-SMD)
SMQ= Plastic (Mil SMD)
DEVICE FAMILY
320 = TMS320 family
TECHNOLOGY
–150 MHz
–167 MHz
–200 MHz
–233 MHz
–250 MHz
PACKAGE TYPE†
N
= Plastic DIP
J
= Ceramic DIP
JD
= Ceramic DIP side-brazed
GB
= Ceramic PGA
FZ
= Ceramic CC
FN
= Plastic leaded CC
FD
= Ceramic leadless CC
PJ
= 100-pin plastic EIAJ QFP
PQ
= 132-pin plastic bumpered QFP
PZ
= 100-pin plastic TQFP
PBK = 128-pin plastic TQFP
PGE = 144-pin plastic TQFP
GFN = 272-ball plastic BGA
GGU = 144-ball plastic BGA
GGP = 352-ball plastic BGA
GJC = 352-ball plastic BGA
GJL = 352-ball plastic BGA
GJL = 452-ball plastic BGA
GLE = 429-ball ceramic BGA
GLP = 429-ball ceramic BGA
C = CMOS
E = CMOS EPROM
F = CMOS Flash EEPROM
DEVICE
’1x DSP:
10
16
14
17
15
’2x DSP:
25
26
’2xx DSP:
203
206
240
204
209
’3x DSP:
30
31
32
’4x DSP:
40
44
’5x DSP:
50
53
51
56
52
57
’54x DSP:
541
545
542
546
543
548
’6x DSP:
6201
6201B
6202
6211
6701
† DIP
=
Dual-In-Line Package
PGA =
Pin Grid Array
CC
=
Chip Carrier
QFP
=
Quad Flat Package
TQFP =
Thin Quad Flat Package
BGA =
Ball Grid Array
Figure 6. TMS320 Device Nomenclature (Including SM320C6201/SMJ320C6201B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com