| Electronic Components Datasheet Search |
|
SM320C6201GLE Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SM320C6201GLE Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 73 page ![]() SM320C6201, SMJ320C6201B DIGITAL SIGNAL PROCESSORS SGUS028A – NOVEMBER 1998 – REVISED JANUARY 1999 7 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 Signal Descriptions (Continued) SIGNAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0) CLKS0 K18 I External clock source (as opposed to internal) CLKR0 L21 I/O/Z Receive clock CLKX0 K20 I/O/Z Transmit clock DR0 J21 I Receive data DX0 M21 O/Z Transmit data FSR0 P16 I/O/Z Receive frame sync FSX0 N16 I/O/Z Transmit frame sync RESERVED FOR TEST RSV0 N21 I Reserved for testing, pull-up with a dedicated 20-k Ω resistor RSV1 K16 I Reserved for testing, pull-up with a dedicated 20-k Ω resistor RSV2 B13 I Reserved for testing, pull-up with a dedicated 20-k Ω resistor RSV3 B14 I Reserved for testing, pull-up with a dedicated 20-k Ω resistor RSV4 F13 I Reserved for testing, pull-down with a dedicated 20-k Ω resistor RSV5 C15 O Reserved (leave unconnected, do not connect to power or ground) RSV6 F7 I Reserved for testing, pull-up with a dedicated 20-k W resistor RSV7 D7 I Reserved for testing, pull-up with a dedicated 20-k W resistor RSV8 B5 I Reserved for testing, pull-up with a dedicated 20-k W resistor SUPPLY VOLTAGE PINS C14 C8 E19 E3 H11 H13 H9 J10 J12 J14 DVDD J19 S 3.3-V supply voltage J3 J8 K11 K13 K15 K7 K9 L10 L12 L14 † I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |