Electronic Components Datasheet Search
  English  ▼

X  

SM320C6201GLE Datasheet(PDF) 22 Page - Texas Instruments

Part # SM320C6201GLE
Description  DIGITAL SIGNAL PROCESSORS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6201GLE Datasheet(HTML) 22 Page - Texas Instruments

Back Button SM320C6201GLE Datasheet HTML 18Page - Texas Instruments SM320C6201GLE Datasheet HTML 19Page - Texas Instruments SM320C6201GLE Datasheet HTML 20Page - Texas Instruments SM320C6201GLE Datasheet HTML 21Page - Texas Instruments SM320C6201GLE Datasheet HTML 22Page - Texas Instruments SM320C6201GLE Datasheet HTML 23Page - Texas Instruments SM320C6201GLE Datasheet HTML 24Page - Texas Instruments SM320C6201GLE Datasheet HTML 25Page - Texas Instruments SM320C6201GLE Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
SM320C6201, SMJ320C6201B
DIGITAL SIGNAL PROCESSORS
SGUS028A – NOVEMBER 1998 – REVISED JANUARY 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
clock PLL (continued)
Table 1. SM320C6201 PLL Component Selection Table†
CYCLE
TIME (ns)
CLKMODE
CLKIN
(MHz)
CLKOUT1
(MHz)
R1
(
Ω)
C1
(
µF)
C2
(pF)
EMI FILTER
PART NO.‡
TYPICAL
LOCK TIME
(
µs)§
5
x4
50
200
16.9
0.15
2 700
TDK #153
59
5.5
x4
45.5
181.8
13.7
0.18
3 900
TDK #153
49
6
x4
41.6
166.7
17.4
0.15
3 300
TDK #153
68
6.5
x4
38.5
153.8
16.2
0.18
3 900
TDK #153
70
7
x4
35.7
142.9
15
0.22
3 900
TDK #153
72
7.5
x4
33.3
133.3
16.2
0.22
3 900
TDK #153
84
8
x4
31.3
125
14
0.27
4 700
TDK #153
77
8.5
x4
29.4
117.7
11.8
0.33
6 800
TDK #153
67
9
x4
27.7
111.1
11
0.39
6 800
TDK #153
68
9.5
x4
26.3
105.3
10.5
0.39
8 200
TDK #153
65
10
x4
25
100
10
0.47
8 200
TDK #153
68
† For CLKMODE x1, the PLL is bypassed and all six external PLL components can be removed. For this case, the PLLV terminal has to be
connected to a clean supply and the PLLG and PLLF terminals should be tied together.
‡ Full EMI filter part number : ACF 451832-153-T
§ Under some operating conditions, the maximum PLL lock time may vary as much as 150% from the specified typical value. For example, if the
typical lock time is specified as 100
µs, the maximum value may be as long as 250 µs.
Table 2. SM320C6201B PLL Component Selection Table†
CLKMODE
R1
(
Ω)
C1
(nF)
C2
(pF)
EMI FILTER
PART NO.‡
TYPICAL
LOCK TIME (
µs)§
x4
60.4
27
560
TDK #153
75
† For CLKMODE x1, the PLL is bypassed and all six external PLL components can be removed. For this case, the PLLV terminal has to be
connected to a clean supply and the PLLG and PLLF terminals should be tied together.
‡ Full EMI filter part number : ACF 451832-153-T
§ Under some operating conditions, the maximum PLL lock time may vary as much as 150% from the specified typical value. For example, if the
typical lock time is specified as 100
µs, the maximum value may be as long as 250 µs.
power supply sequencing
For the ’C6201 device, the 2.5-V supply powers the core and the 3.3-V supply powers the I/O buffers. For the
’C6201B device, the 1.8-V supply powers the core and the 3.3-V supply powers the I/O buffers. The core supply
should be powered up first, or at the same time as the I/O buffers. This is to ensure that the I/O buffers have
valid inputs from the core before the output buffers are powered up, thus preventing bus contention with other
chips on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com