Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 146 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 146 Page - Altera Corporation

Back Button HC220 Datasheet HTML 142Page - Altera Corporation HC220 Datasheet HTML 143Page - Altera Corporation HC220 Datasheet HTML 144Page - Altera Corporation HC220 Datasheet HTML 145Page - Altera Corporation HC220 Datasheet HTML 146Page - Altera Corporation HC220 Datasheet HTML 147Page - Altera Corporation HC220 Datasheet HTML 148Page - Altera Corporation HC220 Datasheet HTML 149Page - Altera Corporation HC220 Datasheet HTML 150Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 228 page
background image
6–18
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The assignment name, <name>, should be set to
IO_STANDARD to
indicate that an I/O specification is being applied. The related I/O signal
is specified as -
to <destination>. The destination argument is a string
providing details on the I/O type, such as levels and standards. Table 6–6
lists the strings corresponding to the I/O standards supported in
HardCopy II devices.
Table 6–6. Tcl I/O Standard Strings
I/O Type or <name>
Description
LVTTL
LVTTL I/O
LVCMOS
LVCMOS I/O
“3.3-V PCI”
3.3-V PCI I/O
“3.3-V PCI-X”
3.3-V PCI X I/O
“1.5 V“
1.5-V I/O
“1.8 V”
1.8-V I/O
“2.5 V”
2.5-V I/O
“1.5-V HSTL CLASS I”
QDRII SRAM 1.5-V I/O
“1.5-V HSTL CLASS II”
QDRII SRAM 1.5-V I/O
“1.8-V HSTL CLASS I”
QDRII SRAM/RLDRAM II 1.8-V I/O
“1.8-V HSTL CLASS II”
QDRII SRAM/RLDRAM II 1.8-V I/O
“DIFFERENTIAL 1.5-V HSTL CLASS I”
Memory clock interface
“DIFFERENTIAL 1.5-V HSTL CLASS II”
Memory clock interface
“DIFFERENTIAL 1.8-V HSTL CLASS I”
Memory clock interface
“DIFFERENTIAL 1.8-V HSTL CLASS II”
Memory clock interface
“DIFFERENTIAL 1.8-V SSTL CLASS I”
DDR2 SDRAM
“DIFFERENTIAL 1.8-V SSTL CLASS II”
DDR2 SDRAM
“DIFFERENTIAL SSTL-2”
DDR SDRAM
“DIFFERENTIAL 2.5-V SSTL CLASS II”
DDR SDRAM
“SSTL-18 CLASS I”
DDR2 SDRAM
“SSTL-18 CLASS II”
DDR2 SDRAM
“SSTL-2 CLASS I”
DDR SDRAM
“SSTL-2 CLASS II”
DDR SDRAM
LVDS
2.5-V differential signaling
HYPERTRANSPORT
2.5-V differential signaling
LVPCL
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com