Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 147 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 147 Page - Altera Corporation

Back Button HC220 Datasheet HTML 143Page - Altera Corporation HC220 Datasheet HTML 144Page - Altera Corporation HC220 Datasheet HTML 145Page - Altera Corporation HC220 Datasheet HTML 146Page - Altera Corporation HC220 Datasheet HTML 147Page - Altera Corporation HC220 Datasheet HTML 148Page - Altera Corporation HC220 Datasheet HTML 149Page - Altera Corporation HC220 Datasheet HTML 150Page - Altera Corporation HC220 Datasheet HTML 151Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 228 page
background image
Altera Corporation
6–19
September 2008
Making Global Assignments
You can specify a number of other I/O parameters by using the
set_instance_assignment command. Some of the more common
parameters are listed in Table 6–7.
f
For more information on I/O availability in HardCopy II devices, refer
to the I/O Structures and Features section in volume 1 of the HardCopy
Series Handbook.
Table 6–7. Tcl Common I/O Parameter Settings
<name> setting
<value> setting
Description
weak_pull_up_resistor
on
Implement a weak pull-up
resistor on the pin.
output_pin_load
integer
Capacitive load for an output
or bidirectional pin. Units of
pF.
fast_output_register
on
Implements a fast output
register in the I/O cell or
adjacent LAB.
fast_output_enable_register
on
Implement a fast output
enable register in the I/O cell
or/and adjacent LAB.
fast_input_register
on
Implements a fast input
register in the I/O cell or
adjacent LAB.
current_strength_new
2mA, 4mA, 8mA, 10 mA,
12 mA, 16 mA, 18 mA,
20 mA, 24 mA
minimum_current or
maximum_current
Drive strength for an output or
bidi pin.
stratixii_termination
differential
“series 25 ohms with calibration”
“series 25 ohms without calibration”
“series 50 ohms with calibration”
“series 50 ohms without calibration”
On-chip termination (or
impedance matching) for an
I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com