| Electronic Components Datasheet Search |
|
HC220 Datasheet(PDF) 151 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC220 Datasheet(HTML) 151 Page - Altera Corporation |
|
151 / 228 page ![]() Altera Corporation 6–23 September 2008 Assigning Timing Constraints As an example, the following Tcl script specifies input and output min and max delays for two I/O signals. Input data_in[0] has minimum and maximum external delays of 3 ns and 7 ns, respectively. Output data_out[0] has minimum and maximum external delays of 4 ns and 8 ns, respectively. The external input delays for data_in[0] are relative to the positive edge of clock ref_clk and the external output delays for data_out[0] are relative to the negative edge of clock ref_clk. # Tcl Script Setting I/O Timing Using set_input_delay and set_output_delay set_input_delay -clock ref_clk -max 7.0 [get_ports data_in[0]] set_input_delay -clock ref_clk -min 3.0 [get_ports data_in[0]] set_output_delay -clock ref_clk -max 8.0 [get_ports data_out[0]] set_output_delay -clock ref_clk -min 4.0 [get_ports data_out[0]] Creating Timing Exceptions Timing exceptions are used to correct timing constraints not covered by clock settings and I/O timing settings. The most common of these are multicycle paths and false paths. In TimeQuest, multicycle paths are described using the set_multicycle_path constraint. The syntax for this constraint is: set_multicycle_path [-setup][-hold][-start] In Classic Timing Analyzer, multicycle paths are described using the set_multicycle_assignment command. The syntax for this command is: tcl> set_multicycle_assignment [-comment <comment>] \ [-disable] [-end] [-from <from_list>] \ [-hold] [-remove] [-setup] [-start] \ [-to <to_list>] <path_multiplier> In either timing analyzer, multicycle assignments are made with the -setup argument, to specify the maximum number of cycles, or with the -hold argument, to specify the minimum number of cycles for a path. False paths describe paths that should not be included in timing optimization or analysis operations. In the Quartus II software, there are a number of ways to describe false paths. By default, in Classic Timing Analyzer, feedback from the output to input side of bidirectional I/O, read-while-write paths through memories, and cross-clock domain paths are not timed during optimization or timing analysis. By default, in Time Quest, cross-clock domain paths are timed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |