Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 152 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 152 Page - Altera Corporation

Back Button HC220 Datasheet HTML 148Page - Altera Corporation HC220 Datasheet HTML 149Page - Altera Corporation HC220 Datasheet HTML 150Page - Altera Corporation HC220 Datasheet HTML 151Page - Altera Corporation HC220 Datasheet HTML 152Page - Altera Corporation HC220 Datasheet HTML 153Page - Altera Corporation HC220 Datasheet HTML 154Page - Altera Corporation HC220 Datasheet HTML 155Page - Altera Corporation HC220 Datasheet HTML 156Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 228 page
background image
6–24
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
f
To change these default settings, refer to the Timing Settings section in the
Quartus II Support of HardCopy Series Devices chapter in volume 1 of the
Quartus II Handbook.
In TimeQuest, the constraint set_false_path is used to describe paths that
should not be included in timing optimization or analysis. The syntax for
this constraint is:
tcl> set_false_path \
[-from <from list>] \
[-to <to list>] \
[-thru <thru list>]
In Classic Timing Analyzer, the most common command for controlling
false paths is the set_timing_cut_assignment command. The syntax for
this command is:
tcl> set_timing_cut_assignment \
[-comment <comment>] \
[-disable] \
[-from <from_pin_list>] \
[-remove] \
[-to <to_pin_list>]
All paths between nodes in the <from_pin_list> to nodes in the
<to_pin_list> are excluded from timing optimization and analysis
operations.
Example of TimeQuest SDC Constraints
# Timing Assignments
# ==================
create_clock –period 10.0ns -name ref_clk ref_clk
set_clock_latency -late 3 ref_clk
set_clock_latency -early 2 ref_clk
set_clock_uncertainty –hold –to ref_clk 0.250ns
set_clock_uncertainty –setup –to ref_clk 0.250ns
# Input delay of 6ns (max) & 2ns (min) for bus data_in[1:0]
set_input_delay –clock ref_clk –max 6 data_in
set_input_delay –clock ref_clk –min 2 data_in
# Output delay of 6ns (max) & 2ns (min) for bus data_out[1:0]
set_output_delay –clock ref_clk –max 6 data_out
set_output_delay –clock ref_clk –min 2 data_out
# Don’t care about timing on the resetn net. Set as false path
set_false_path -from resetn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com