Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 2 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 2 Page - Gunter Seniconductor GmbH.

  TDA1574 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Integrated FM Tuner for Radio Receivers
Short Description
The integrated circuit contains all the function units needed for a VHF tuner with the exception of the RF pre stage.
It is mainly applied in the RF section of car radios and home receivers.
Package
• DIP 18
Pin Configuration
1
mixer input 1
10
IF output
2
mixer input 2
11
standby switch
3
wideband information input
12
narrow band information input
4
ground
13
IF input 1
5
reference voltage
14
IF input 2
6
oscillator output
15
supply voltage
7
oscillator input 1
16
mixer output 1
8
oscillator input 2
17
mixer output 2
9
buffered oscillator output
18
AGC-output
Technical Data
TDA1574
Edition 09/00
24.8
± 0.2
≤ 2.54
0.47
±0.12
≤ 1.40
2.54
8
1234567
9
14
13
12
11
10
18
17
16
15
0.25 M
0.27
+0.09
-0.07
7.62
6.5
+0.2
- 0.1
8.0 . . . 9.8
09/00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com