Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 12 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 12 Page - Gunter Seniconductor GmbH.

Back Button TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
FM - front - end based on TDA1574 and TDA 1596
Application Hints
Plns 11 and 12 should be blocked to ground by in each case 10 nF in order to avoid unwanted signal injection.
The IF gain can be adjusted within the range between 10 dB and 82 dB by means of a dc voltage between
0.6 and 1.6 V at pin 3.
Start of the prestage AGC depends on the RF input voltage at pin 3 and on the dc voltage at pin 12. By
appropriate selection of the effective share of the indication voltage at pin 12 the ratio of noise and large signal
charasteristic can be optimized.
stand by
+V
CC
HF-
PRE-AMP.
search tuning stop
mode select
LF-MPX
signal
level
indicator
to counter
tuning
AGC
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TDA 1574
TDA 1596
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
16
17
18
01
narrow band AGC
09/00
11
Copying is generally permitted, indicating the source. However, our consent must be obtained in all cases. MEGAXESS reserves the
right to make changes in specifications at any time and without notice. The information and suggestions are given without obligation
and cannot give rise to any liability, they do not indicate the availability of the components mentioned. The information included
herein is believed to be accurate and reliable. However, MEGAXESS assumes no responsibility for its use; nor for any infringements
of patents or of other rights of third parties which may result from its use.
Megaxess GmbH Deutschland • POB 1370 • 15236 Frankfurt(Oder) • Germany
Phone +49 335 2005 • FAX +49 335 3251 • Internet http://www. megaxess.de
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com