Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 4 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 4 Page - Gunter Seniconductor GmbH.

  TDA1574 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
The RF input signal reaches a symmetrically built up mixer, its input stages in common base enable very well
large - signal characteristics. With exception of the RF input signal the mixer receives via buffer stages an ultra
pure oscillator signal with sufficient amplitude, generated by the oscillator itself. Moreover, the oscillator signal is
available at pin 9 via buffer stages for instance in order to drive frequency - synthesizers. The IF signal, supplied
from the mixer, can be amplified by a linear IF preamplifier which is proofed against overdriving in order to
balance signal attenuation by selection means. Wideband or narrow band or also combined gain control of the
pre stage can be selected by means of an internal generated control voltage.
Further on the TDA1574 contains an electronic standby switch. The oscillator can be blocked by this switch and
the gain of the RF pre stage can be reduced, so that the IC is ready at once after activating of the FM operation,
without thermal transients.
An integrated voltage supply delivers a temperature independent voltage of about 4.15 V to provide the oscillator
and to generate an internal comparison voltage. This voltage is available at pin 5.
Absolute Maximum Ratings
min
max
unit
Supply voltage
VCC
0.3
18
V
Mixer output DC voltage
V16-4
35
V
V17-4
35
V
Narrow band information
V12-4
0.3
7
V
input voltage
Reference voltage
V5-4
0.3
7
V
Standby switch input voltage
V11-4
0.3
23
V
Total power dissipation
Ptot
800
mW
Ambient operating temperature
Ta
-40
85
°C
Storage temperature
Ts
-55
150
°C
Thermal resistance
Rth
80
K/W
note: All pins are short-circuit protected to ground
Recommended Operational Conditions
min
max
unit
Supply voltage
V9
7.0
16
V
Ambient operating temperature
Ta
-40
85
°C
09/00
3
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com