Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 5 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 5 Page - Gunter Seniconductor GmbH.

  TDA1574 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Characteristics
VCC = 8.5 V, Ta = 25 °C unless specified otherwise
valid for a test circuit according to the shown first figure.
min
typ
max
unit
Power supply
Supply voltage
VCC
7.0
8.5
16.0
V
Supply current (except mixer)
ICC
16.0
24.4
30.0
mA
Reference voltage
V5-4
3.9
4.1
4.4
V
Mixer
Current consumption
I16 + I17
3.5
3.9
4.5
mA
DC input voltage
V1,2,4
4.0
35.0
V
DC output voltage
V16,17-4
4.0
35.0
V
Noise figure
NF
10
dB
Noise figure
NF
12
dB
including input network
3rd order intercept point
EMF1lP3
117
dBµV
Conversion power gain
Gcp
10
14
dB
Input resistance
R1-4
22
Ω
Input capacitance
C1-4
14
pF
Output resistance
R17-4
1.9
k
Ω
Output capacitance
C17-4
5.7
pF
Oscillator
DC input voltage
V7,8-4
1.3
V
DC output voltage
V6-4
2.0
V
Residual FM
∆f
2.2
Hz
Oscillator output buffer (measuring output)
DC output voltage
V9-4
6.0
V
Oscillator output voltage
RL = infinite, CL = 2 pF
V9-4(rms)
30
110
mV
RL = 75 Ω
V9-4(rms)
30
62
mV
09/00
4
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com