Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 11 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 11 Page - Gunter Seniconductor GmbH.

Back Button TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Examples
-40
0
T
a ( °C )
90
100
50
0
with V
CC = 8.5 V
-I
18 = f ( Ta )
V
18 = VCC/2
V
i = 0.45 V
TDA 1574
antenna
75
Ω
L1
supply voltage
+ 8.5 V
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TDA 1574
tuning voltage
oscillator
output voltage
IF-output
stand-by
switching voltage
narrow band
AGC information
L2
BB 204
47 k
100 n
330
330p
470p
5.6 k
BB 204
3.9p
10n
L6
L5
68 k
47 k
3.9p
4.7p
4.7p
BB 204
33 k
27
L4
L3
BB 204
560 p
560 p
47 k
68 k
ferrite
pearl
1.2 k
68
270
560 p
560 p
6.8 p
180 k
560 p
220 k
180 k
2.2
µ
22
220 k
10 n
10 n
SFJ 10.7 A
10 n
10 n
SFJ 10.7 A
120
150 p
150 p
L7 L8
18
L1/L2 L3/L4
antenna transformer
Toko E 250 HN-4000023
L1 - 1 wdg.
L2 - 4.5 wdgs.
L3 - 4.5 wdgs.
L4 - 4.5 wdgs.
L5/L6
Toko E 516 HNS-200057
L5 - 3.25 wdgs.
L6 - 4.25 wdgs.
L7/L8
Toko 119 AN (C)
L7 - 2 x 5.5 wdgs.
L8 - 4 wdgs.
09/00
10
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com