Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 9 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 9 Page - Gunter Seniconductor GmbH.

Back Button TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 11Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 12Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
19
14
9
5.0
V
CC ( V )
10.0
15.0
-40 -25
0
T
a ( °C )
25
70
85
4.4
4.2
3.9
4.1
4.0
MIXER - GAIN
with V
iRF = 10 mVeff
G
M = f ( VCC )
f = 100 MHz
REFERENCE VOLTAGE
with V
CC = 8.5 V
V
ref = f ( Ta )
-40 -25
0
T
a ( °C )
25
70
85
38
30
18
26
22
CURRENT CONSUMPTION
with V
CC = 8.5 V
I
CC = f ( Ta )
and mixer current
5.0
4.5
3.0
3.5
4.0
-40 -25
0
T
a ( °C )
25
70
85
MIXER CURRENT
with V
CC = 8.5 V
(I
16 + I17) = f ( Ta )
TDA 1574
TDA 1574
09/00
8
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com