Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 3 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 3 Page - Gunter Seniconductor GmbH.

  TDA1574 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Block Diagram
Functional Description
The TDA1574 is an integrated monolithic FM tuner for use in the RF / IF part of car radios and home receivers. lt
contains all function units for a complete VHF tuner with exception of a RF stage.
The following sections are integrated:
• mixer
• oscillator inclusive buffer stages and a measuring output
• linear IF amplifier
• standby switch
• reference voltage source
• control voltage generation
VOLTAGE
STABILIZER
n1
+V
CC
10
STAND BY
SWITCH
=
~
~
~
DOUBLE BALANCED
MIXER
-
+
-
+
+
-
+
-
-
+
-
+
10 n
82 p
5.5
5.5
n2
68
300
R
ML
V
aM
MIXER OUTPUT
VOLTAGE
AGC
NARROW BAND
INFORMATION
TUNER
ON
OFF
IF INPUT
V
iIF
22 n
22 n
22 n
300
IF OUTPUT
VOLTAGE
V
aIF
10 n
1 n
75
BUFFERED
OSCILLATOR
OUTPUT
R
g2
1 1/4
3 1/4
3.9 p
30 p
n2
n1
n2
n1
1 n
50
(98 MHz)
~
~
~
V
e2HF
for AGC
6.8 p
6.8 p
56 p
56 p
14
50
R
g1
(98 MHz)
V
e1HF
22 n
100
OUTPUT
AGC
18
17
16
15
12
11
14
13
10
5
9
8
7
6
4
3
2
1
++
50
µA
+
0.5 V
10 k
+
1.7V
200
AGC-VOLTAGE
GENERATION
14
14
HF INPUT
OSCILLATOR
OSCILLATOR
OUTPUT BUFFERS
950
4.1 V
V
ref
V
p
300
300
IF AMPLIFIER
V
p
IF OUTPUT
TDA 1574
2
09/00
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com