Electronic Components Datasheet Search
  English  ▼

X  

TDA1574 Datasheet(PDF) 7 Page - Gunter Seniconductor GmbH.

Part # TDA1574
Description  Integrated FM Tuner for Radio Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TDA1574 Datasheet(HTML) 7 Page - Gunter Seniconductor GmbH.

Back Button TDA1574 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 6Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 7Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 8Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 9Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 10Page - Gunter Seniconductor GmbH. TDA1574 Datasheet HTML 11Page - Gunter Seniconductor GmbH. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
min
typ
max
unit
Switching range
V11-4
2.3
2.8
3.3
V
Input current
at ON condition
-I11
60
150
µA
with V11-4 = 0
at OFF condition
I11
10
20
µA
with V11-4 = 20 V
Input voltage
V11-4
3.0
4.4
V
at I11 = 0
Dependences
0
5.0
10.0
TDA 1574
V
18 = f ( Vi )
470
V
i ( mV )
500
540
with V
CC = 8.5 V
V
iBB = 2.0 V
5
4
3
2
1
0
470
V
i ( mV )
500
540
TDA 1574
I
18 = f ( Vi )
with V
CC = 8.5 V
V
iBB = 2.0 V
09/00
6
TDA1574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com