Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 3Page - Texas Instruments TPIC44H01DA Datasheet HTML 4Page - Texas Instruments TPIC44H01DA Datasheet HTML 5Page - Texas Instruments TPIC44H01DA Datasheet HTML 6Page - Texas Instruments TPIC44H01DA Datasheet HTML 7Page - Texas Instruments TPIC44H01DA Datasheet HTML 8Page - Texas Instruments TPIC44H01DA Datasheet HTML 9Page - Texas Instruments TPIC44H01DA Datasheet HTML 10Page - Texas Instruments TPIC44H01DA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature and supply voltage
range (unless otherwise noted)† (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(open)
Off-state open-load
detection current
All outputs off
–20
–50
–70
µA
Drain to source
V(COMPx) > VCC – 250 mV
1
1.25
1.5
V
V(OVDS)
Drain-to-source
over-voltage
0.1 V < V(COMPx) < 2.5 V,
0.95
×V(COMPx)–15
1.05
×V(COMPx)+15
V
()
over voltage
(COMPx)
,
See Figures 12 and 13
(COMPx)
mV
(COMPx)
mV
V
V(STG)
On-state
short-to-ground
detection voltage
See Figure 17
1.9
2.35
2.6
V
Vhys(STG)
On-state
short-to-ground
hysteresis
–50
–150
–300
mV
I(pullup)
Logic input pullup
current
(CS, RESET)
VCC = 5 V, VIN = 0 V
–5
–20
–50
µA
I(pulldown)
Logic input pulldown
current (IN1 – 4, SCLK,
SDI, AR_ENBL)
VCC = 5 V, VIN = 5 V
5
20
50
µA
Vhys
Logic input voltage
hysteresis (IN1 – 4,
SCLK, SDI, AR_ENBL,
CS)
VCC = 5 V
0.5
0.8
1.2
V
VOH
High level serial output
voltage
IO = – 1 mA
0.8
×VCC
4.96
V
VOL
Low level serial output
voltage
IO = 1 mA
0
100
400
mV
IOZ
Serial data output
tri-state current
V(SDO) = 5.5 V to 0 V,
VCC = 5.5 V
–35
1
35
µA
VOL(FLT)
FLT low level output
voltage
IO = 220 µA
0
30
350
mV
Ilkg(FLT)
FLT leakage current
R(pullup) = 25 K, VCC = 5.5 V
0
1
20
µA
VIH(RESET)
RESET high level logic
input voltage
1.9
2.2
VCC
V
VIL(RESET)
RESET low level logic
input voltage
0
1.2
1.4
V
Vhys(RESET)
Logic input voltage
hysteresis (RESET)
VCC = 5 V
0.6
1
1.4
V
† Device will function with degraded performance for a power supply voltage between 5.5 V and 8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com