Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 19Page - Texas Instruments TPIC44H01DA Datasheet HTML 20Page - Texas Instruments TPIC44H01DA Datasheet HTML 21Page - Texas Instruments TPIC44H01DA Datasheet HTML 22Page - Texas Instruments TPIC44H01DA Datasheet HTML 23Page - Texas Instruments TPIC44H01DA Datasheet HTML 24Page - Texas Instruments TPIC44H01DA Datasheet HTML 25Page - Texas Instruments TPIC44H01DA Datasheet HTML 26Page - Texas Instruments TPIC44H01DA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
short-to-ground detection/protection
The TPIC44H01 provides short-to-ground detection to protect the external FET from a more severe condition
than an over-current condition. This is accomplished by engaging a reduced deglitch time should a
short-to-ground be detected, thereby turning off the FET faster than in an over-current condition. Figure 17
illustrates operation of the short-to-ground detection scheme. A short-to-ground is detected during on-state by
monitoring the condition of the low-side comparator in addition to the V(OVDS) comparator. If the low-side
comparator indicates SRCx voltage is below the V(STG) fault threshold voltage (2-Vbg referenced to ground),
a short-to-ground condition is detected. Should this condition exist for the entire duration of t(STG), a valid fault
is registered, causing the associated gate drive output to turn off, the FLT pin to latch low, and the appropriate
serial data fault bits to be set. Deglitch of short-to-ground detection relies on the over-current deglitch timer,
which begins if the FET VDS exceeds V(OVDS) (that is over-current event). However, detection of short-to-ground
reduces the deglitch time from t(OC) to t(STG), as shown in Table 4. The deglitch time allows V(SRCx) voltage to
stabilize after the FET is turned on, and to distinguish between normal and shorted loads.
As shown in Figure 17, three short-to-ground cases can occur.
Case 1: SRCx is shorted to ground prior to gate drive turn on. GATEx is shut off when t(STG) is reached.
Case 2: SRCx is shorted to ground after gate drive is turned on and V(SRCx) falls beneath V(STG) before
t(STG) is exceeded. Thus, t(STG) is initiated once V(SRCx) falls beneath V(OVDS) and GATEx is shut
off when t(STG) is reached.
Case 3: After gate drive is turned on, SRCx is pulled beneath V(OVDS),thenfallsbeneathV(STG)aftert(STG)
is reached. GATEx is not shut off when t(STG) is reached, but shuts off immediately when SRCx fall
beneath V(STG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com