Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 18Page - Texas Instruments TPIC44H01DA Datasheet HTML 19Page - Texas Instruments TPIC44H01DA Datasheet HTML 20Page - Texas Instruments TPIC44H01DA Datasheet HTML 21Page - Texas Instruments TPIC44H01DA Datasheet HTML 22Page - Texas Instruments TPIC44H01DA Datasheet HTML 23Page - Texas Instruments TPIC44H01DA Datasheet HTML 24Page - Texas Instruments TPIC44H01DA Datasheet HTML 25Page - Texas Instruments TPIC44H01DA Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
To demonstrate how V(COMPx) voltage is reflected down from V(PWR) to establish the high-side V(OVDS)
threshold, Figure 15 shows both waveforms. Figure 16 illustrates a typical V(SRCx) voltage waveform as
compared to V(OVDS) during a normal turn-on transition.
4
2
0
–20
20
60
100
6
t – Time – ms
8
140
180
220
V(OVDS) Voltage,
V(PWR)= 8 V
Dynamic V(COMPx),
V(peak) = 2.5 V,
V(sustained) = 0.2 V
Figure 15. V(COMPx) Mirrored From V(PWR) to Generate V(OVDS) Threshold
0
4
6
8
2
–20
20
60
100
t – Time – ms
140
180
220
V(OVDS) Voltage,
V(PWR) = 8 V
Typical V(SRCx) Voltage Waveform
Parallel Input or SDI Bit
Figure 16. V(OVDS) Compared to V(SRCx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com