Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 16Page - Texas Instruments TPIC44H01DA Datasheet HTML 17Page - Texas Instruments TPIC44H01DA Datasheet HTML 18Page - Texas Instruments TPIC44H01DA Datasheet HTML 19Page - Texas Instruments TPIC44H01DA Datasheet HTML 20Page - Texas Instruments TPIC44H01DA Datasheet HTML 21Page - Texas Instruments TPIC44H01DA Datasheet HTML 22Page - Texas Instruments TPIC44H01DA Datasheet HTML 23Page - Texas Instruments TPIC44H01DA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
external over-current threshold generation
The TPIC44H01 device provides several means for setting V(OVDS), the threshold voltage used to detect
over-current. Figure 13 shows operation of the V(OVDS) generation circuitry. Any voltage appearing at the
MUXOUT node (see Figure 13) will be forced across R1A, setting up a current equal to V(MUXOUT)/R1A. This
current is passed through R1B, a resistor matched to R1A, thereby generating an IR drop, V(OVDS), down from
V(PWR), which is identical to V(MUXOUT). The user can select either an internally generated ~1.25-V band-gap
reference or can provide an external reference voltage using the V(COMPx) pin to control V(OV). The internal
reference is selected by connecting the V(COMPx) pin to VCC. This forces a comparator with a threshold of VCC
– V(F) to a state where it controls the analog AMUX block to connect MUXOUT to internal Vref.
A user adjustable V(OVDS) threshold can be set by supplying a voltage to the V(COMPx) pin in the range of 0.1
to 2.5 V. With V(COMPx) voltage in this range, the comparator controlling AMUX is in the state where V(COMPx)
voltage is connected to MUXOUT. Proper layout techniques should be used in the grounding network for the
V(COMP) circuit on the TPIC44H01. Ground for the pre-driver and V(COMPx) network should be connected to a
Kelvin ground, if available. Otherwise, there should be a single point contact back to PGND of the FET array.
Improper grounding techniques may result in inaccurate fault detection.
_
+
Comp
AMUX
_
+
Op-Amp
_
+
Comp
VIO = ± 5 mV
VCC
R1B
R1A
1X
Buffer
I
R1B/R1A Matching
± 5%
VIO = ± 10 mV
OVDS
Detection
MUXOUT
Internal
Vref(Vbg)
VCC –V(F)
Switched by
Serial Input
Bit or by
Parallel Input
Shared by Channels
1 and 2 or 3 and 4
VCC
V(PWR)
SRCx
V(PK_x)
V(COMPx)
VCC
VCC
R2
R3
R4
C1
R5
V(OVDS)
NOTES: A. V(COMPx) should have at least 100 pF to ground to assure stability of the V(COMPx) amplifier.
B. Equation for dynamic fault threshold voltage at V(COMP):
V
(COMPx)
(t)
+ V
(PK_x)
e– t RC
) V
(COMPx)
(0)
Where V(COMPx)(t) is the voltage at V(COMPx) at time t, V(PK_x) is the voltage at V(PK_x) set by the R2 and R3 resistor
divider, C is the value of C1, R is the parallel combination of R4 and R5, and V(COMPx)(0) is the voltage set up by the R4
and R5 resistor divider.
(1)
Figure 13. Over-Current Fault Threshold Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com