Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 15Page - Texas Instruments TPIC44H01DA Datasheet HTML 16Page - Texas Instruments TPIC44H01DA Datasheet HTML 17Page - Texas Instruments TPIC44H01DA Datasheet HTML 18Page - Texas Instruments TPIC44H01DA Datasheet HTML 19Page - Texas Instruments TPIC44H01DA Datasheet HTML 20Page - Texas Instruments TPIC44H01DA Datasheet HTML 21Page - Texas Instruments TPIC44H01DA Datasheet HTML 22Page - Texas Instruments TPIC44H01DA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
over-current detection/protection
On-state, over-current detection is implemented in TPIC44H01 by monitoring SRCx voltage with respect to
V(PWR). Figure 12 shows the functionality of the over-current detection circuitry. When a channel is on (see
Figure 12), the external FET VDS is compared to the V(OVDS) fault threshold to detect an over-current condition.
If the FET VDS exceeds V(OVDS), the comparator detects an over-current event and a deglitch timer begins. The
timer provides programmable deglitch time, tOC (see Table 4), to allow VDS voltage to stabilize after the FET
is turned on. The deglitch timer starts only when VDS > V(OVDS), and resets when VDS < V(OVDS). If the V(OVDS)
threshold is exceeded for the entire deglitch time, a valid over-current shutdown fault (OCSD) is recognized.
If an over-current fault is detected with AR_ENBL = 0, a real-time fault condition is flagged to the host controller
by latching FLT low, the appropriate internal fault bit is set, and the GATEx output is latched off. GATEx will
remain off until the error condition has been corrected and the input bit or parallel input is cycled off then on.
An over-heating condition of the FET can occur if the host controller continually re-enables the output under
short-to-ground conditions.
If an over-current fault is detected with AR_ENBL = 1, FLT is latched low, the appropriate internal fault bit is set,
and the gate output is disabled until an auto-retry timer re-enables it. If the over-current remains, auto-retry
provides a low duty cycle PWM (
≈ 0.75%) function to protect the FET from over heating. The PWM period is
defined as t(OC) + t(retry), while the duty cycle is defined as t(OC) / (t(OC) + t(retry)). The auto-retry cycle is
maintained until the fault has been eliminated and/or until the channel is turned off by both the INx parallel input
and the serial control bit. The host controller can read the serial port of the device to determine which channel
reported the fault condition. Fault bits (1:8) distinguish faults for each of the output channels (see Table 3).
100
Ω
Comp
V
Deglitch
Timer
OSC
V(PWR)
SRCx
+
V(OVDS)
+
–
V(OVDS)
Input
GATEx
VDS
FLT
Normal Load
Input
GATEx
VDS
FLT
Over-Current
AR_ENBL = 0
t(deglitch)
Input
GATEx
VDS
FLT
Over-Current
AR_ENBL = 1
t(retry)
V(OVDS)
V(OVDS)
t(deglitch)
<t(deglitch)
–
VDS
Figure 12. Over-Current Fault Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com