Electronic Components Datasheet Search
  English  ▼

X  

TPIC44H01DA Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 12Page - Texas Instruments TPIC44H01DA Datasheet HTML 13Page - Texas Instruments TPIC44H01DA Datasheet HTML 14Page - Texas Instruments TPIC44H01DA Datasheet HTML 15Page - Texas Instruments TPIC44H01DA Datasheet HTML 16Page - Texas Instruments TPIC44H01DA Datasheet HTML 17Page - Texas Instruments TPIC44H01DA Datasheet HTML 18Page - Texas Instruments TPIC44H01DA Datasheet HTML 19Page - Texas Instruments TPIC44H01DA Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
performance under fault conditions
The TPIC44H01 is designed for normal operation over a supply voltage range of 8 V to 24 V with over-voltage
fault detection typically at 30 V. The device offers on board fault detection to handle a variety of faults which may
occur within a system. The primary function of the circuitry is to prevent damage to the load and the external
power FETs in the event that a fault occurs, but off-state, open-load detection and reporting is also provided for
diagnostics. Note that unused SRC1 – 4 inputs must be connected to their respective GATE1 – 4 pins to prevent
false reporting of open-load fault conditions. Unused outputs with a SRC-to-GATE short should not be
commanded on. For on-state faults, the circuitry detects the fault, shuts off the output to the FET, and reports
the fault to the microcontroller. The primary faults monitored are:
1.
V(PWR) over-voltage lockout (OVLO)
2.
Open-load
3.
Over-current
4.
Short-to-ground
FLT, fault interrupt operation
The FLT pin provides a real-time fault interrupt to signal a host controller that a fault has been detected. Any
of the four fault conditions listed above causes the FLT pin to be latched low immediately upon fault detection.
NOTE:
Once FLT is latched low from a fault occurrence, it can only be cleared by a high-to-low transition
on CS.
V(PWR) over-voltage lockout
The TPIC44H01 monitors V(PWR) supply voltage and responds in the event of supply voltage exceeding OVLO.
This condition may occur due to voltage transients resulting from a loose battery connection. If V(PWR) supply
voltage is detected above 30 V, the device will turn off all gate drive outputs to prevent possible damage to the
internal charge pump, the external FET, and the load. An OVLO fault will be flagged to the controller by FLT being
latched low. The FLT interrupt will be reset by a high-to-low transition of CS, provided that the OVLO condition
is corrected, and no other faults have been detected with internal fault bits set. Thus, the user will detect an
OVLO fault by a low transition on FLT with no fault bit read from SDO (see Table 3). The gate outputs will return
to normal operation immediately after the OVLO condition is removed (the outputs are not latched off). Figure
10 illustrates the operation of the over-supply voltage detection circuit.
_
+
30 V
29 V
12 V
V(PWR)
GATE (1–4)
OVLO Output Disable
30 V
V(PWR)
Figure 10. Over-Voltage Lockout Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com