Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 3 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 3 Page - NEC

  PS9302L-AX Datasheet HTML 1Page - NEC PS9302L-AX Datasheet HTML 2Page - NEC PS9302L-AX Datasheet HTML 3Page - NEC PS9302L-AX Datasheet HTML 4Page - NEC PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet PN10744EJ02V0DS
3
PS9302L
FUNCTIONAL DIAGRAM
8
7
6
5
1
2
3
LED
Output
ON
H
OFF
Tr. 1
ON
OFF
Tr. 2
OFF
ON
L
Input
H
L
(Tr. 2)
(Tr. 1)
SHIELD
MARKING EXAMPLE
9302
N931
9
N
31
No. 1 pin
Mark
Type Number
Assembly Lot
Year Assembled
(Last 1 Digit)
Rank Code
Week Assembled
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9302L
Air Distance (MIN.)
7 mm
Outer Creepage Distance (MIN.)
8 mm
Isolation Distance (MIN.)
0.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com