Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 15 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 15 Page - NEC

Back Button PS9302L-AX Datasheet HTML 11Page - NEC PS9302L-AX Datasheet HTML 12Page - NEC PS9302L-AX Datasheet HTML 13Page - NEC PS9302L-AX Datasheet HTML 14Page - NEC PS9302L-AX Datasheet HTML 15Page - NEC PS9302L-AX Datasheet HTML 16Page - NEC PS9302L-AX Datasheet HTML 17Page - NEC PS9302L-AX Datasheet HTML 18Page - NEC PS9302L-AX Datasheet HTML 19Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet PN10744EJ02V0DS
15
PS9302L
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220
°C
180
°C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260
°C MAX.
120
°C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by soldering iron
• Peak temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead.
(b) Please be sure that the temperature of the package would not be heated over 100
°C.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com