Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 8 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 8 Page - NEC

Back Button PS9302L-AX Datasheet HTML 4Page - NEC PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC PS9302L-AX Datasheet HTML 10Page - NEC PS9302L-AX Datasheet HTML 11Page - NEC PS9302L-AX Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet PN10744EJ02V0DS
8
PS9302L
VCC = 15 to 30 V
IF = 7 to 16 mA
(Switch A: IF = 10 mA)
(Switch B: IF = 0 mA)
Fig. 7 tPLH, tPHL, tr, tf Test Circuit and Wave Forms
Fig. 8 CMR Test Circuit and Wave Forms
10 kHz
50% DUTY
CYCLE
0.1 F
μ
VO
500
Ω
10
Ω
10 nF
tPHL
tPLH
IF
VOUT
90%
50%
10%
tr
tf
SHIELD
1
2
3
4
8
7
6
5
VCC = 30 V
VCM = 1.5 kV
0.1 F
μ
A
B
VO
IF
VOH
VOL
1 V
26 V
VCM
0 V
VO
VO
Δt
=
δ V
δ t
VCM
Δt
SHIELD
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com