Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 9 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 9 Page - NEC

Back Button PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC PS9302L-AX Datasheet HTML 10Page - NEC PS9302L-AX Datasheet HTML 11Page - NEC PS9302L-AX Datasheet HTML 12Page - NEC PS9302L-AX Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet PN10744EJ02V0DS
9
PS9302L
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
20
40
60
80
120
100
0
60
50
40
30
20
10
20
40
60
80
120
100
0
300
250
200
150
100
50
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.01
0.1
1.0
10
100
TA = +100
°C
+85
°C
+50
°C
+25
°C
0
°C
–40
°C
3.0
2.5
2.0
1.5
1.0
VCC = 30 V,
VEE = GND,
VO > 5 V
–40
–20
0
20
40
60
100
80
1
02
4
35
35
30
25
20
15
10
5
High Level Output Current IOH (A)
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
0
0.5
1
1.5
2.5
2
–1
–2
–3
–4
–5
–6
VCC = 30 V,
VEE = GND,
IF = 10 mA
Remark The graphs indicate nominal characteristics.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com