Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 4 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 4 Page - NEC

  PS9302L-AX Datasheet HTML 1Page - NEC PS9302L-AX Datasheet HTML 2Page - NEC PS9302L-AX Datasheet HTML 3Page - NEC PS9302L-AX Datasheet HTML 4Page - NEC PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet PN10744EJ02V0DS
4
PS9302L
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS9302L
PS9302L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9302L
PS9302L-E3
PS9302L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000 pcs/reel
(UL, CSA approved)
PS9302L-V
PS9302L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9302L-V-E3
PS9302L-V-E3-AX
Embossed Tape 2 000 pcs/reel
(VDE0884 Part2)
Approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Peak Transient Forward
Current (Pulse Width < 1
μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Power Dissipation
*1
PD
45
mW
Detector
High Level Peak Output
Current
*2
IOH (PEAK)
2.5
A
Low Level Peak Output
Current
*2
IOL (PEAK)
2.5
A
Supply Voltage
(VCC - VEE)
0 to 35
V
Output Voltage
VO
0 to VCC
V
Power Dissipation
*3
PC
250
mW
Isolation Voltage
*4
BV
5 000
Vr.m.s.
Operating Frequency
*5
f
50
kHz
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 1.6 mW/
°C at TA = 85°C or more.
*2 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*3 Reduced to 6.0 mW/
°C at TA = 80°C or more.
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
*5 IOH (PEAK)
≤ 2.0 A (≤ 0.3
μs), IOL (PEAK) ≤ 2.0 A (≤ 0.3 μs)
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com