Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 13 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 13 Page - NEC

Back Button PS9302L-AX Datasheet HTML 9Page - NEC PS9302L-AX Datasheet HTML 10Page - NEC PS9302L-AX Datasheet HTML 11Page - NEC PS9302L-AX Datasheet HTML 12Page - NEC PS9302L-AX Datasheet HTML 13Page - NEC PS9302L-AX Datasheet HTML 14Page - NEC PS9302L-AX Datasheet HTML 15Page - NEC PS9302L-AX Datasheet HTML 16Page - NEC PS9302L-AX Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet PN10744EJ02V0DS
13
PS9302L
TAPING SPECIFICATIONS (UNIT: mm)
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
17.5±1.0
21.5±1.0
2.0±0.1
4.0±0.1
6.35±0.1
8.0±0.1
1.5
+0.1
–0
4.5 MAX.
0.35
1.5
+0.1
–0
Outline and Dimensions (Tape)
Packing: 2 000 pcs/reel
15.9 to 19.4
Outer edge of
flange
Tape Direction
Outline and Dimensions (Reel)
PS9302L-E3
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com