Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 1 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 1 Page - NEC

  PS9302L-AX Datasheet HTML 1Page - NEC PS9302L-AX Datasheet HTML 2Page - NEC PS9302L-AX Datasheet HTML 3Page - NEC PS9302L-AX Datasheet HTML 4Page - NEC PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9302L
2.5 A OUTPUT CURRENT, HIGH CMR
IGBT GATE DRIVE
8-PIN SDIP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10744EJ02V0DS (2nd edition)
Date Published August 2009 NS
Printed in Japan
2009
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Cathode
4. NC
5. VEE
6. VEE
7. VO
8. VCC
12
3
4
87
6
5
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9302L is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode, a
signal processing circuit and a power output transistor on the output side on one chip.
The PS9302L is designed specifically for high common mode transient immunity (CMR), high output current and
high switching speed.
FEATURES
• Large peak output current (2.5 A MAX., 2.0 A MIN.)
• High speed switching (tPLH
, tPHL = 0.5
μs MAX.)
• Long creepage distance (8 mm MIN.)
• UVLO (Under Voltage Lock Out) protection with hysteresis
• High common mode transient immunity (CMH, CML =
±25 kV/
μs MIN.)
• Ordering number of tape product: PS9302L-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40019182 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• IH (Induction Heating)
<R>
<R>


Similar Part No. - PS9302L-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS9302L-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9331L RENESAS-PS9331L Datasheet
360Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L_15 RENESAS-PS9305L_15_15 Datasheet
297Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9302L RENESAS-PS9302L Datasheet
297Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com