Electronic Components Datasheet Search
  English  ▼

X  

PS9302L-AX Datasheet(PDF) 7 Page - NEC

Part # PS9302L-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9302L-AX Datasheet(HTML) 7 Page - NEC

Back Button PS9302L-AX Datasheet HTML 3Page - NEC PS9302L-AX Datasheet HTML 4Page - NEC PS9302L-AX Datasheet HTML 5Page - NEC PS9302L-AX Datasheet HTML 6Page - NEC PS9302L-AX Datasheet HTML 7Page - NEC PS9302L-AX Datasheet HTML 8Page - NEC PS9302L-AX Datasheet HTML 9Page - NEC PS9302L-AX Datasheet HTML 10Page - NEC PS9302L-AX Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet PN10744EJ02V0DS
7
PS9302L
TEST CIRCUIT
Fig. 1 IOH Test Circuit
Fig. 2 IOL Test Circuit
Fig. 3 VOH Test Circuit
Fig. 4 VOL Test Circuit
Fig. 5 IFLH Test Circuit
Fig. 6 UVLO Test Circuit
VCC = 15 to 30 V
VCC =
15 to 30 V
IF =
7 to 16 mA
VCC =
15 to 30 V
VCC =
15 to 30 V
IF =
7 to 16 mA
VCC = 15 to 30 V
4 V
0.1 F
μ
1
2
3
4
8
7
6
5
IOH
SHIELD
2.5 V
0.1 F
μ
IOL
1
2
3
4
8
7
6
5
SHIELD
0.1 F
μ
VOH
100 mA
SHIELD
1
2
3
4
8
7
6
5
0.1 F
μ
VOL
100 mA
SHIELD
1
2
3
4
8
7
6
5
IF
VO > 5 V
0.1 F
μ
SHIELD
1
2
3
4
8
7
6
5
VO > 5 V
IF = 10 mA
VCC
0.1 F
μ
SHIELD
1
2
3
4
8
7
6
5
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com