Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 71Page - Maxim Integrated Products DS1874 Datasheet HTML 72Page - Maxim Integrated Products DS1874 Datasheet HTML 73Page - Maxim Integrated Products DS1874 Datasheet HTML 74Page - Maxim Integrated Products DS1874 Datasheet HTML 75Page - Maxim Integrated Products DS1874 Datasheet HTML 76Page - Maxim Integrated Products DS1874 Datasheet HTML 77Page - Maxim Integrated Products DS1874 Datasheet HTML 78Page - Maxim Integrated Products DS1874 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
SFP+ Controller with Digital LDD Interface
______________________________________________________________________________________
75
Table 02h, Register C7h: TBLSELPON
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
C7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Chooses the initial value for the table-select byte (Lower Memory, Register 7Fh) at power-on.
FACTORY DEFAULT
0000h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
(PW2 and BIAS EN = 0) or (PW1 and RWTBL246 and BIAS EN = 0)
MEMORY TYPE
Volatile
C8h
0
0
0
0
0
0
0
28
C9h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
When BIAS EN (Table 02h, Register 80h) is written to 0, writes to these bytes control the BIAS register, which then
updates the MAX3798/MAX3799 SET_IBIAS register.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
(PW2 and BIAS EN = 0) or (PW1 and RWTBL246 and BIAS EN = 0)
MEMORY TYPE
Volatile
CAh
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
MAN_CLK
BIT 7
BIT 0
When BIAS EN (Table 02h, Register 80h) is written to 0, MAN_CLK controls the updates of the MAN BIAS value to
the BIAS register. This new value is sent through the 3-wire interface. The values of MAN BIAS must be written with
a separate write command. Setting MAN_CLK to a 1 clocks the MAN BIAS value to the BIAS register, which then
updates the MAX3798/MAX3799 SET_IBIAS register.
1) Write the MAN BIAS value with a write command.
2) Set the MAN_CLK bit to a 1 with a separate write command.
3) Clear the MAN_CLK bit to a 0 with a separate write command.
Table 02h, Register C8h–C9h: MAN BIAS
Table 02h, Register CAh: MAN_CNTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com