Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 24Page - Maxim Integrated Products DS1874 Datasheet HTML 25Page - Maxim Integrated Products DS1874 Datasheet HTML 26Page - Maxim Integrated Products DS1874 Datasheet HTML 27Page - Maxim Integrated Products DS1874 Datasheet HTML 28Page - Maxim Integrated Products DS1874 Datasheet HTML 29Page - Maxim Integrated Products DS1874 Datasheet HTML 30Page - Maxim Integrated Products DS1874 Datasheet HTML 31Page - Maxim Integrated Products DS1874 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
SFP+ Controller with Digital LDD Interface
28
______________________________________________________________________________________
START
START
STOP
SLAVE
ACK
SLAVE
ACK
STOP
SINGLE-BYTE WRITE
-WRITE 00h TO REGISTER BAh
TWO-BYTE WRITE
-WRITE C8h AND C9h
TO 01h AND 75h
SINGLE-BYTE READ
-READ REGISTER BAh
TWO-BYTE READ
-READ C8h AND C9h
REPEATED
START
MASTER
NACK
10100010
A2h
10111010
BAh
SLAVE
ACK
START
SLAVE
ACK
10100010
A2h
10100011
A3h
10111010
BAh
SLAVE
ACK
SLAVE
ACK
STOP
00000000
00h
STOP
SLAVE
ACK
STOP
01110101
75h
START
SLAVE
ACK
10100010
A2h
11001000
C8h
SLAVE
ACK
SLAVE
ACK
00000001
01h
SLAVE
ACK
DATA IN BAh
DATA
REPEATED
START
MASTER
NACK
START
SLAVE
ACK
10100010
A2h
10100011
A3h
11001000
C8h
SLAVE
ACK
SLAVE
ACK
DATA IN C8h
DATA
MASTER
NACK
DATA IN C9h
DATA
EXAMPLE I2C TRANSACTIONS WITH A2h AS THE MAIN MEMORY DEVICE ADDRESS
*IF ASEL IS 0, THE SLAVE ADDRESS IS A0h FOR THE AUXILIARY MEMORY AND A2h FOR THE MAIN MEMORY.
IF ASEL = 1, THE SLAVE ADDRESS IS DETERMINED BY TABLE 02h, REGISTER 8Ch FOR THE MAIN MEMORY. THE AUXILIARY MEMORY CONTINUES TO BE ADDRESSED AT A0h, EXCEPT WHEN THE PROGRAMMED
ADDRESS FOR THE MAIN MEMORY IS A0h.
TYPICAL I2C WRITE TRANSACTION
A)
C)
B)
D)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
REGISTER ADDRESS
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
DATA
SLAVE
ACK
SLAVE
ACK
SLAVE
ADDRESS*
1
0
1
0
0
0
1
R/W
MSB
LSB
READ/
WRITE
Figure 18. Example I2C Timing
cycle. This can result in a whole page being worn out
over time by writing a single byte repeatedly. Writing
a page one byte at a time wears the EEPROM out
eight times faster than writing the entire page at
once. The DS1874’s EEPROM write cycles are speci-
fied in the
Nonvolatile Memory Characteristics table.
The specification shown is at the worst-case temper-
ature. It can handle approximately ten times that
many writes at room temperature. Writing to SRAM-
shadowed EEPROM memory with SEEB = 1 does not
count as an EEPROM write cycle when evaluating
the EEPROM’s estimated lifetime.
Reading a single byte from a slave: Unlike the
write operation that uses the memory address byte
to define where the data is to be written, the read
operation occurs at the present value of the memory
address counter. To read a single byte from the
slave, the master generates a START condition,
writes the slave address byte with R/W = 1, reads
the data byte with a NACK to indicate the end of the
transfer, and generates a STOP condition.
Manipulating the address counter for reads: A
dummy write cycle can be used to force the address
pointer to a particular value. To do this, the master
generates a START condition, writes the slave
address byte (R/W = 0), writes the memory address
where it desires to read, generates a repeated
START condition, writes the slave address byte (R/W
= 1), reads data with ACK or NACK as applicable,
and generates a STOP condition.
Memory Organization
The DS1874 features nine separate memory tables that
are internally organized into 8-byte rows.
The Lower Memory is addressed from 00h to 7Fh and
contains alarm and warning thresholds, flags, masks,
several control registers, password entry area (PWE),
and the table-select byte.
Table 01h primarily contains user EEPROM (with PW1
level access) as well as alarm and warning-enable
bytes.
Table 02h is a multifunction space that contains config-
uration registers, scaling and offset values, passwords,
interrupt registers as well as other miscellaneous con-
trol bytes.
Table 04h contains a temperature-indexed LUT for
control of the modulation voltage. The modulation LUT
can be programmed in 2°C increments over the -40°C
to +102°C range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com