Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 45Page - Maxim Integrated Products DS1874 Datasheet HTML 46Page - Maxim Integrated Products DS1874 Datasheet HTML 47Page - Maxim Integrated Products DS1874 Datasheet HTML 48Page - Maxim Integrated Products DS1874 Datasheet HTML 49Page - Maxim Integrated Products DS1874 Datasheet HTML 50Page - Maxim Integrated Products DS1874 Datasheet HTML 51Page - Maxim Integrated Products DS1874 Datasheet HTML 52Page - Maxim Integrated Products DS1874 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
SFP+ Controller with Digital LDD Interface
______________________________________________________________________________________
49
Table 01h, Register F8h: ALARM EN3
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1C) or (PW1 and RTBL1C)
WRITE ACCESS
PW2 or (PW1 and RWTBL1C)
MEMORY TYPE
Nonvolatile (SEE)
F8h
TEMP HI
TEMP LO
VCC HI
VCC LO
MON1 HI
MON1 LO
MON2 HI
MON2 LO
BIT 7
BIT 0
Layout is identical to ALARM3 in Lower Memory, Register 70h. Enables alarms to create TXFINT (Lower Memory,
Register 71h) logic. The MASK bit (Table 02h, Register 89h) determines whether this memory exists in Table 01h
or 05h.
BIT 7
TEMP HI:
0 = Disables interrupt from TEMP HI alarm.
1 = Enables interrupt from TEMP HI alarm.
BIT 6
TEMP LO:
0 = Disables interrupt from TEMP LO alarm.
1 = Enables interrupt from TEMP LO alarm.
BIT 5
VCC HI:
0 = Disables interrupt from VCC HI alarm.
1 = Enables interrupt from VCC HI alarm.
BIT 4
VCC LO:
0 = Disables interrupt from VCC LO alarm.
1 = Enables interrupt from VCC LO alarm.
BIT 3
MON1 HI:
0 = Disables interrupt from MON1 HI alarm.
1 = Enables interrupt from MON1 HI alarm.
BIT 2
MON1 LO:
0 = Disables interrupt from MON1 LO alarm.
1 = Enables interrupt from MON1 LO alarm.
BIT 1
MON2 HI:
0 = Disables interrupt from MON2 HI alarm.
1 = Enables interrupt from MON2 HI alarm.
BIT 0
MON2 LO:
0 = Disables interrupt from MON2 LO alarm.
1 = Enables interrupt from MON2 LO alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com