Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 42Page - Maxim Integrated Products DS1874 Datasheet HTML 43Page - Maxim Integrated Products DS1874 Datasheet HTML 44Page - Maxim Integrated Products DS1874 Datasheet HTML 45Page - Maxim Integrated Products DS1874 Datasheet HTML 46Page - Maxim Integrated Products DS1874 Datasheet HTML 47Page - Maxim Integrated Products DS1874 Datasheet HTML 48Page - Maxim Integrated Products DS1874 Datasheet HTML 49Page - Maxim Integrated Products DS1874 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
SFP+ Controller with Digital LDD Interface
46
______________________________________________________________________________________
Lower Memory, Register 75h: WARN2
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
N/A
MEMORY TYPE
Volatile
75h
MON3 HI
MON3 LO
MON4 HI
MON4 LO
RESERVED
RESERVED
RESERVED
RESERVED
BIT 7
BIT 0
BIT 7
MON3 HI: High-warning status for MON3 measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 6
MON3 LO: Low-warning status for MON3 measurement.
0 = (Default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BIT 5
MON4 HI: High-warning status for MON4 measurement.
0 = (Default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 4
MON4 LO: Low-warning status for MON4 measurement.
0 = (Default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BITS 3:0
RESERVED
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
N/A
MEMORY TYPE
These registers are reserved. The value when read is 00h.
Lower Memory, Register 76h–7Ah: RESERVED MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com