Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 75Page - Maxim Integrated Products DS1874 Datasheet HTML 76Page - Maxim Integrated Products DS1874 Datasheet HTML 77Page - Maxim Integrated Products DS1874 Datasheet HTML 78Page - Maxim Integrated Products DS1874 Datasheet HTML 79Page - Maxim Integrated Products DS1874 Datasheet HTML 80Page - Maxim Integrated Products DS1874 Datasheet HTML 81Page - Maxim Integrated Products DS1874 Datasheet HTML 82Page - Maxim Integrated Products DS1874 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
SFP+ Controller with Digital LDD Interface
______________________________________________________________________________________
79
Table 02h, Register EAh: SETCML
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
EAh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
MAX3798/MAX3799 register. After either VCC exceeds POA (after a POR event), the MAX3798/MAX3799 TX_POR
bit is set high (visible in 3W TXSTAT1, Bit 7) or on a rising edge of TXD, this value is written to the MAX3798/
MAX3799 through the 3-wire interface.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
EBh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
MAX3798/MAX3799 register. After either VCC exceeds POA (after a POR event), the MAX3798/MAX3799 TX_POR
bit is set high (visible in 3W TXSTAT1, Bit 7) or on a rising edge of TXD, this value is written to the MAX3798/
MAX3799 through the 3-wire interface.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RTBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
ECh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
MAX3798/MAX3799 register. After either VCC exceeds POA (after a POR event), the MAX3798/MAX3799 TX_POR
bit is set high (visible in 3W TXSTAT1, Bit 7) or on a rising edge of TXD, this value is written to the MAX3798/
MAX3799 through the 3-wire interface.
Table 02h, Register EBh: SETLOS
Table 02h, Register ECh: TXCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com