Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 18Page - Maxim Integrated Products DS1874 Datasheet HTML 19Page - Maxim Integrated Products DS1874 Datasheet HTML 20Page - Maxim Integrated Products DS1874 Datasheet HTML 21Page - Maxim Integrated Products DS1874 Datasheet HTML 22Page - Maxim Integrated Products DS1874 Datasheet HTML 23Page - Maxim Integrated Products DS1874 Datasheet HTML 24Page - Maxim Integrated Products DS1874 Datasheet HTML 25Page - Maxim Integrated Products DS1874 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
same signals and faults can also be used to generate
the internal signal FETG (Table 01h/05h, Registers FAh
and FBh). FETG is used to send a fast “turn-off” com-
mand to the laser driver. The intended use is a direct
connection to the MAX3798/MAX3799’s TXD input if
this is desired. When VCC < POA, TXDOUT is high
impedance.
Transmit Fault (TXF) Output
TXF can be triggered by all alarms, warnings, and
quick trips (Figure 12). The six ADC alarms, warnings,
and the LOS quick trips require enabling (Table
01h/05h, Registers F8h and FDh). See Figures 14a and
14b for nonlatched and latched operation. Latching of
the alarms is controlled by the CNFGB and CNFGC
registers (Table 02h, Registers 8Ah–8Bh).
Die Identification
The DS1874 has an ID hardcoded in its die. Two regis-
ters (Table 02h, Registers CEh–CFh) are assigned for
this feature. The CEh register reads 74h to identify the
part as the DS1874, while the CFh register reads the
current device version.
3-Wire Master for Controlling
the MAX3798/MAX3799
The DS1874 controls the MAX3798/MAX3799 over a
proprietary 3-wire interface. The DS1874 acts as the
master, initiating communication with and generating
the clock for the MAX3798/MAX3799. It is a 3-pin inter-
face consisting of SDAOUT (a bidirectional data line),
an SCLOUT clock signal, and a CSELOUT chip-select
output (active high).
Protocol
The DS1874 initiates a data transfer by asserting the
CSELOUT pin. It then starts to generate a clock signal
22
______________________________________________________________________________________
DETECTION OF TXF FAULT
TXD
TXF
Figure 14b. TXF Latched Operation
INVOUT1
IN1C
IN1
IN1S
OUT1
INV LOS
LOSC
MUX
LOSOUT
RSELOUT
RSELC
RSEL
LOS
LOS LO
RSELS
RXL
SFP+ Controller with Digital LDD Interface
DETECTION OF TXF FAULT
TXF
Figure 14a. TXF Nonlatched Operation
Figure 13. Logic Diagram 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com