Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 17Page - Maxim Integrated Products DS1874 Datasheet HTML 18Page - Maxim Integrated Products DS1874 Datasheet HTML 19Page - Maxim Integrated Products DS1874 Datasheet HTML 20Page - Maxim Integrated Products DS1874 Datasheet HTML 21Page - Maxim Integrated Products DS1874 Datasheet HTML 22Page - Maxim Integrated Products DS1874 Datasheet HTML 23Page - Maxim Integrated Products DS1874 Datasheet HTML 24Page - Maxim Integrated Products DS1874 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
SFP+ Controller with Digital LDD Interface
______________________________________________________________________________________
21
Digital I/O Pins
Five digital input and five digital output pins are provid-
ed for monitoring and control.
LOS, LOSOUT
By default (LOSC = 1, Table 02h, Register 89h), the
LOS pin is used to convert a standard comparator out-
put for loss of signal (LOS) to an open-collector output.
This means the mux shown in the
Block Diagram by
default selects the LOS pin as the source for the
LOSOUT output transistor. The output of the mux can
be read in the STATUS byte (Table 01h, Register 6Eh)
as the RXL bit. The RXL signal can be inverted (INV
LOS = 1) before driving the open-drain output transistor
using the XOR gate provided. Setting LOSC = 0 config-
ures the mux to be controlled by LOS LO, which is dri-
ven by the output of the LOS quick trip (Table 02h,
Registers BEh and BFh). The mux setting (stored in
EEPROM) does not take effect until VCC > POA, allow-
ing the EEPROM to recall.
IN1, RSEL, OUT1, RSELOUT
The digital input IN1 and RSEL pins primarily serve to
meet the rate-select requirements of SFP and SFP+.
They also serve as general-purpose inputs. OUT1 and
RSELOUT are driven by a combination of the IN1,
RSEL, and logic dictated by control registers in the
EEPROM (Figure 13). The levels of IN1 and RSEL can
be read using the STATUS register (Lower Memory,
Register 6Eh). The open-drain output OUT1 can be
controlled and/or inverted using the CNFGB register
(Table 02h, Register 8Ah). The open-drain RSELOUT
output is software-controlled and/or inverted through
the Status register and CNFGA register (Table 02h,
Register 89h). External pullup resistors must be provid-
ed on OUT1 and RSELOUT to realize high logic levels.
TXF, TXD, TXDOUT
TXDOUT is generated from a combination of TXF, TXD,
and the internal signal FETG. A software control identi-
cal to TXD is available (TXDC, Lower Memory, Register
6Eh). A TXD pulse is internally extended (TXDEXT) by
time tINITR1 to inhibit the latching of low alarms and
warnings related to the APC loop to allow for the loop to
stabilize. The nonlatching alarms and warnings are TXP
LO, LOS LO, and MON1–MON4 LO alarms and warn-
ings. In addition, TXP LO is disabled from creating
FETG. TXF is both an input and an output (Figure 12).
See the
Transmit Fault (TXF) Output section for a
detailed explanation of TXF. Figure 12 shows that the
C
C
D
Q
Q
S
R
OUT
IN
TXDS
RPU
TXF
SET BIAS REGISTER TO 0 AND
MAX3798/MAX3799
SET_IMOD TO 0
TXD
MINT
HBAL FLAG
TXP LO FLAG
TXP LO FLAG
BIAS MAX FLAG
TXP HI FLAG
TXP HI ENABLE
BIAS MAX
BIAS MAX ENABLE
HBAL FLAG
HBAL ENABLE
TXP LO FLAG
TXP LO ENABLE
TXDEXT
TXDC
VCC
TXD
TXF
TXDOUT
TXDIO
TXDFG
FETG
TXDFLT
FAULT RESET TIMER
(130ms)
IN
OUT
POWER-ON
RESET
Figure 12. Logic Diagram 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com