Electronic Components Datasheet Search
  English  ▼

X  

DS1874 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS1874
Description  SFP Controller with Digital LDD Interface
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1874 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS1874 Datasheet HTML 35Page - Maxim Integrated Products DS1874 Datasheet HTML 36Page - Maxim Integrated Products DS1874 Datasheet HTML 37Page - Maxim Integrated Products DS1874 Datasheet HTML 38Page - Maxim Integrated Products DS1874 Datasheet HTML 39Page - Maxim Integrated Products DS1874 Datasheet HTML 40Page - Maxim Integrated Products DS1874 Datasheet HTML 41Page - Maxim Integrated Products DS1874 Datasheet HTML 42Page - Maxim Integrated Products DS1874 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
SFP+ Controller with Digital LDD Interface
______________________________________________________________________________________
39
Lower Memory, Register 6Ch–6Dh: RESERVED
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
N/A
MEMORY TYPE
6Ch, 6Dh
0
0
0
0
0
0
0
0
BIT 7
BIT 0
These registers are reserved. The value when read is 00h.
POWER-ON VALUE
0000h
READ ACCESS
All
WRITE ACCESS
N/A
MEMORY TYPE
Volatile
62h, 64h,
66h, 68h,
6Ah
215
214
213
212
211
210
29
28
63h, 65h,
67h, 69h,
6Bh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Left-justified unsigned voltage measurement.
Lower Memory, Register 62h–63h: VCC VALUE
Lower Memory, Register 64h–65h: MON1 VALUE
Lower Memory, Register 66h–67h: MON2 VALUE
Lower Memory, Register 68h–69h: MON3 VALUE
Lower Memory, Register 6Ah–6Bh: MON4 VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com