Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 3Page - Maxim Integrated Products MAX16005 Datasheet HTML 4Page - Maxim Integrated Products MAX16005 Datasheet HTML 5Page - Maxim Integrated Products MAX16005 Datasheet HTML 6Page - Maxim Integrated Products MAX16005 Datasheet HTML 7Page - Maxim Integrated Products MAX16005 Datasheet HTML 8Page - Maxim Integrated Products MAX16005 Datasheet HTML 9Page - Maxim Integrated Products MAX16005 Datasheet HTML 10Page - Maxim Integrated Products MAX16005 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
_______________________________________________________________________________________
7
Pin Description (MAX16000/MAX16001/MAX16002)
PIN
NAME
FUNCTION
1
1
1
IN3
Monitored Input Voltage 3. See Table 1 for the input voltage threshold.
2
2
2
IN4
Monitored Input Voltage 4. See Table 1 for the input voltage threshold.
3
4
4
GND
Ground
45
5
VCC
Unmonitored Power-Supply Input
5
6
—
OUT3
Output 3. When the voltage at IN3 falls below its threshold, OUT3 goes low and stays low until the
voltage at IN3 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
6
7
—
OUT4
Output 4. When the voltage at IN4 falls below its threshold, OUT4 goes low and stays low until the
voltage at IN4 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
710
8
MARGIN
Active-Low Manual Deassert Input. Pull MARGIN low to deassert all outputs (go into high state),
regardless of the voltage at any monitored input.
8
11
—
OUT2
Output 2. When the voltage at IN2 falls below its threshold, OUT2 goes low and stays low until the
voltage at IN2 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
9
12
—
OUT1
Output 1. When the voltage at IN1 falls below its threshold, OUT1 goes low and stays low until the
voltage at IN1 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
10
14
10
IN1
Monitored Input Voltage 1. See Table 1 for the input voltage threshold.
11
15
11
IN2
Monitored Input Voltage 2. See Table 1 for the input voltage threshold.
12
16
12
TOL
Threshold Tolerance Input. Connect TOL to GND to select 5% threshold tolerance. Connect TOL
to VCC to select 10% threshold tolerance.
—
3
3
WDI
Watchdog Timer Input. If WDI remains low or high for longer than the watchdog timeout period,
RESET is asserted. The timer clears whenever a reset is asserted or a rising or falling edge on
WDI is detected. The watchdog timer enters a startup period that allows 54s for the first
transition to occur before a reset. Leave WDI unconnected to disable the watchdog timer. The
WDI floating-state detector uses a small 400nA current. Therefore, do not connect WDI to
anything that will source or sink more than 200nA. Note that the leakage current specification for
most three-state drivers exceeds 200nA.
—8
6
MR
Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for the
reset timeout period after MR is deasserted. MR is pulled up to VCC through a 20k
Ω resistor.
—
9
7
SRT
Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout period.
The reset timeout period can be calculated as follows:
Reset Timeout (s) = 2.06 x 106 (
Ω) x CSRT (F). For the internal timeout period of 140ms (min),
connect SRT to VCC.
—13
9
RESET
Active-Low Reset Output. RESET asserts low when any of the monitored voltages falls below its
respective threshold or MR is asserted. RESET remains asserted for the reset timeout period
after all monitored voltages exceed their respective thresholds and MR is deasserted. This
open-drain output has a 30µA internal pullup.
——
—
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a
low thermal resistance path from the IC junction to the PCB. Do not use as the electrical
connection to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com