Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16005 Datasheet HTML 1Page - Maxim Integrated Products MAX16005 Datasheet HTML 2Page - Maxim Integrated Products MAX16005 Datasheet HTML 3Page - Maxim Integrated Products MAX16005 Datasheet HTML 4Page - Maxim Integrated Products MAX16005 Datasheet HTML 5Page - Maxim Integrated Products MAX16005 Datasheet HTML 6Page - Maxim Integrated Products MAX16005 Datasheet HTML 7Page - Maxim Integrated Products MAX16005 Datasheet HTML 8Page - Maxim Integrated Products MAX16005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX16000–MAX16007 are low-voltage, quad-/hex-/
octal-voltage µP supervisors in small thin QFN and TSSOP
packages. These devices provide supervisory functions for
complex multivoltage systems. The MAX16000/
MAX16001/MAX16002 monitor four voltages, the
MAX16003/MAX16004/MAX16005 monitor six voltages,
and the MAX16006/MAX16007 monitor eight voltages.
The MAX16000/MAX16001/MAX16003/MAX16004/
MAX16006 offer independent outputs for each moni-
tored voltage. The MAX16001/MAX16002/MAX16004–
MAX16007 offer a reset output that asserts whenever
any of the monitored voltages fall below their respective
thresholds or the manual reset input is asserted. The
reset output remains asserted for the reset timeout after
all voltages are above their respective thresholds and
the manual reset input is deasserted. The minimum
reset timeout is internally set to 140ms or can be adjust-
ed with an external capacitor.
All open-drain outputs have internal 30µA pullups that
eliminate the need for external pullup resistors.
However, each output can be driven with an external
voltage up to 5.5V. Other features offered include a
manual reset input, a tolerance pin for selecting 5% or
10% input thresholds, and a margin enable function for
deasserting the outputs during margin testing.
The MAX16001/MAX16002/MAX16004–MAX16007 offer
a watchdog timer that asserts RESET or an indepen-
dent watchdog output (MAX16005) when the watchdog
timeout period (1.6s typ) is exceeded. The watchdog
timer can be disabled by floating the input.
These devices are offered in 12-, 16-, 20-, and 24-lead
thin QFN and 16-lead TSSOP packages. These are fully
specified from -40
°C to +125°C.
Applications
Storage Equipment
Servers
Networking/Telecommunication Equipment
Multivoltage ASICs
Features
o Fixed Thresholds for 5V, 3.3V, 3V, 2.5V, 1.8V,
1.5V, 1.2V, and 0.9V Systems
o Adjustable Thresholds Monitor Voltages Down to
0.4V
o Open-Drain Outputs with Internal Pullups Reduce
the Number of External Components
o Fixed 140ms (min) or Capacitor-Adjustable Reset
Timeout
o Manual Reset, Margin Enable, and Tolerance
Select Inputs
o Watchdog Timer
1.6s (typ) Timeout Period
54s Startup Delay After Reset (Except MAX16005)
o Independent Watchdog Output (MAX16005)
o RESET Output Indicates All Voltages Present
o Independent Voltage Monitors
o Guaranteed Correct Logic State Down to VCC = 1V
o Small (4mm x 4mm) Thin QFN Package
o TSSOP (5mm x 4.4mm) Package (MAX16005)
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
________________________________________________________________
Maxim Integrated Products
1
MAX16005
GND
µP
TOL
VCC
SRT
MR
IN1
MARGIN
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
RESET
WDI
WDO
RST
I/O
NMI
IN2
IN3
IN4
IN5
IN6
Ordering Information
Typical Operating Circuit
19-3870; Rev 3; 12/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: The “_” is a placeholder for the input voltage threshold.
See Table 1.
+
Denotes lead(Pb)-free/RoHS-compliant package.
For tape-and-reel, add a “T” after the “+.” Tape-and-reel are
offered in 2.5k increments.
*
EP = Exposed pad.
Ordering Information continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX16000_TC+
-40
°C to +125°C
12 TQFN-EP*
Selector Guide appears at end of data sheet.


Similar Part No. - MAX16005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16005 MAXIM-MAX16005_12 Datasheet
311Kb / 26P
Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com