Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 16Page - Maxim Integrated Products MAX16005 Datasheet HTML 17Page - Maxim Integrated Products MAX16005 Datasheet HTML 18Page - Maxim Integrated Products MAX16005 Datasheet HTML 19Page - Maxim Integrated Products MAX16005 Datasheet HTML 20Page - Maxim Integrated Products MAX16005 Datasheet HTML 21Page - Maxim Integrated Products MAX16005 Datasheet HTML 22Page - Maxim Integrated Products MAX16005 Datasheet HTML 23Page - Maxim Integrated Products MAX16005 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
20
______________________________________________________________________________________
RESET Output (MAX16001/MAX16002/
MAX16004–MAX16007)
RESET asserts low when any of the monitored voltages
fall below their respective thresholds or MR is asserted.
RESET remains asserted for the reset timeout period
after all monitored voltages exceed their respective
thresholds and MR is deasserted (see Figure 12). This
open-drain output has a 30µA internal pullup. An exter-
nal pullup resistor to any voltage from 0 to 5.5V overrides
the internal pullup if interfacing to different logic supply
voltages. Internal circuitry prevents reverse current flow
from the external pullup voltage to VCC (Figure 11).
WDO (MAX16005 Only)
WDO asserts and stays low whenever any of the IN_
inputs fall below their respective thresholds. WDO
deasserts without a timeout delay when all the IN_
inputs rise above their thresholds. When all the IN_
inputs rise above their thresholds, WDO asserts low
whenever the watchdog timer times out. WDO
deasserts after a valid WDI transition or if MR is pulled
low. The watchdog timer begins counting after the reset
timeout period once MR goes high. Pull MARGIN low to
deassert WDO regardless of any other condition. The
watchdog timer continues to run when MARGIN is low
and if a timeout occurs. WDO will assert MR after
MARGIN is deasserted. This open-drain output has a
30µA internal pullup. An external pullup resistor to any
voltage from 0 to 5.5V overrides the internal pullup if
interfacing to different logic supply voltages. Internal cir-
cuitry prevents reverse current flow from the external
pullup voltage to VCC (Figure 11).
MAX16001/
MAX16002/
MAX16004–MAX16007
GND
VCC
GND
RESET
VCC
5V
OUT_
VCC = 3.3V
100k
Ω
Figure 11. Interfacing to a Different Logic Supply Voltage
IN_
10%
90%
10%
90%
RESET
OUT_
VTH_
tRP
tD
tD
tRD
VTH_
Figure 12. Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com