Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16005 Datasheet HTML 1Page - Maxim Integrated Products MAX16005 Datasheet HTML 2Page - Maxim Integrated Products MAX16005 Datasheet HTML 3Page - Maxim Integrated Products MAX16005 Datasheet HTML 4Page - Maxim Integrated Products MAX16005 Datasheet HTML 5Page - Maxim Integrated Products MAX16005 Datasheet HTML 6Page - Maxim Integrated Products MAX16005 Datasheet HTML 7Page - Maxim Integrated Products MAX16005 Datasheet HTML 8Page - Maxim Integrated Products MAX16005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE OUTPUT (MAX16005 Only)
Reference Short-Circuit Current
Shorted to GND
0.8
mA
Reference Output Accuracy
VREF
No load
1.200
1.235
1.270
V
Line Regulation
0.005
% / V
Reference Load Regulation
Sourcing, 0
≤ IREF ≤ 40µA
10
Ω
WATCHDOG TIMER (MAX16001/MAX16002/MAX16004–MAX16007)
WDI Input-Voltage Low
VIL
0.3 x
VCC
V
WDI Input-Voltage High
VIH
0.7 x
VCC
V
WDI Pulse Width
(Note 5)
50
ns
Watchdog Timeout Period
tWDI
1.12
1.6
2.40
s
Watchdog Startup Period
MAX16001/2/4/6/7
35
54
72
s
Watchdog Input Current
VWDI = 0 to VCC (Note 5)
-1
+1
µA
VCC = 3.3V, ISINK = 2mA
0.30
WDO Output-Voltage Low
(MAX16005 Only)
VOL
VCC = 2.5V, ISINK = 1.2mA
0.30
V
WDO Output-Voltage High
(MAX16005 Only)
VOH
VCC
≥ 2.0V, ISOURCE = 6µA, WDO
deasserted
0.8 x
VCC
V
DIGITAL LOGIC
TOL Input-Voltage Low
VIL
0.3 x
VCC
V
TOL Input-Voltage High
VIH
0.7 x
VCC
V
TOL Input Current
TOL = VCC
100
nA
MARGIN Input-Voltage Low
VIL
0.3 x
VCC
V
MARGIN Input-Voltage High
VIH
0.7 x
VCC
V
MARGIN Pullup Resistance
Pulled up to VCC
12
20
28
k
Ω
MARGIN Delay Time
tMD
Rising or falling (Note 6)
50
µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.0V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C). (Note 1)
Note 1: Devices are tested at TA = +25°C and guaranteed by design for TA = TMIN to TMAX.
Note 2: The outputs are guaranteed to be in the correct logic state down to VCC = 1V.
Note 3: Measured with WDI, MARGIN, and MR unconnected.
Note 4: The minimum and maximum specifications for this parameter are guaranteed by using the worst case of the SRT ramp cur-
rent and SRT threshold specifications.
Note 5: Guaranteed by design and not production tested.
Note 6: Amount of time required for logic to lock/unlock outputs from margin testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com