Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 15Page - Maxim Integrated Products MAX16005 Datasheet HTML 16Page - Maxim Integrated Products MAX16005 Datasheet HTML 17Page - Maxim Integrated Products MAX16005 Datasheet HTML 18Page - Maxim Integrated Products MAX16005 Datasheet HTML 19Page - Maxim Integrated Products MAX16005 Datasheet HTML 20Page - Maxim Integrated Products MAX16005 Datasheet HTML 21Page - Maxim Integrated Products MAX16005 Datasheet HTML 22Page - Maxim Integrated Products MAX16005 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
______________________________________________________________________________________
19
Adjustable Input
These devices offer several monitor options with
adjustable input thresholds (see Table 1). The threshold
voltage at each adjustable IN_ input is typically 0.394V
(TOL = GND) or 0.372 (TOL = VCC). To monitor a voltage
VINTH, connect a resistive-divider network to the circuit as
shown in Figure 10.
VINTH = VTH ((R1 / R2) + 1)
R1 = R2 ((VINTH / VTH) - 1)
Large resistors can be used to minimize current through
the external resistors. For greater accuracy, use lower-
value resistors.
Unused Inputs
Connect any unused IN_ inputs to a voltage above its
threshold.
OUT_ Outputs
(MAX16000/MAX16001/MAX16003/
MAX16004/MAX16006)
The OUT_ outputs go low when their respective IN_
inputs drop below their specified thresholds. The output
is open drain with a 30µA internal pullup to VCC. For
many applications, no external pullup resistor is required
to interface with other logic devices. An external pullup
resistor to any voltage from 0 to 5.5V overrides the inter-
nal pullup if interfacing to different logic supply voltages.
Internal circuitry prevents reverse current flow from the
external pullup voltage to VCC (Figure 11).
MAX16000
MAX16001
GND
VCC
IN1
5V
R2
INPUT
R1
OUT1
IN2
IN3
OUT
IN4
OUT2
OUT3
OUT4
R4
R3
VTH1 =
(1 + R1) (V
TH + VTH_HYS
)
R2
VTH4 =
(1 + R3) V
TH
R4
Figure 8. Window Detection
R1
VINTH
VTH
R2
R1 = R2
(VINTH )
VTH
- 1
Figure 10. Setting the Adjustable Input
∆VTH
VTH4
VTH1
OUT
OUT4
OUT1
Figure 9. Output Response of Window Detector Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com