Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 18Page - Maxim Integrated Products MAX16005 Datasheet HTML 19Page - Maxim Integrated Products MAX16005 Datasheet HTML 20Page - Maxim Integrated Products MAX16005 Datasheet HTML 21Page - Maxim Integrated Products MAX16005 Datasheet HTML 22Page - Maxim Integrated Products MAX16005 Datasheet HTML 23Page - Maxim Integrated Products MAX16005 Datasheet HTML 24Page - Maxim Integrated Products MAX16005 Datasheet HTML 25Page - Maxim Integrated Products MAX16005 Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Reset Timeout Capacitor
The reset timeout period can be adjusted to accommo-
date a variety of µP applications from 50µs to 1.12s.
Adjust the reset timeout period (tRP) by connecting a
capacitor (CSRT) between SRT and GND. Calculate the
reset timeout capacitor as follows:
Connect SRT to VCC for a factory-programmed reset
timeout of 140ms (min).
Manual Reset Input (MR)
(MAX16001/MAX16002/
MAX16004–MAX16007)
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic-low on MR
asserts RESET low. RESET remains asserted while MR
is low, and during the reset timeout period (140ms min)
after MR returns high. The MR input has an internal
20k
Ω pullup resistor to VCC, so it can be left uncon-
nected if not used. MR can be driven with TTL or
CMOS-logic levels, or with open-drain/collector out-
puts. Connect a normally open momentary switch from
MR to GND to create a manual reset function. External
debounce circuitry is not required. If MR is driven from
long cables or if the device is used in a noisy environ-
ment, connecting a 0.1µF capacitor from MR to GND
provides additional noise immunity.
Margin Output Disable (
MARGIN)
MARGIN allows system-level testing while power sup-
plies are adjusted from their nominal voltages. Drive
MARGIN low to force RESET, WDO, and OUT_ high,
regardless of the voltage at any monitored input. The
state of each output does not change while MARGIN =
GND. The watchdog timer continues to run when
MARGIN is low, and if a timeout occurs, WDO/RESET
will assert tMD after MARGIN is deasserted.
The MARGIN input is internally pulled up to VCC. Leave
MARGIN unconnected or connect to VCC if unused.
Power-Supply Bypassing
The MAX16000–MAX16007 operate from a 2.0V to 5.5V
supply. An undervoltage lockout ensures that the out-
puts are in the correct states when the UVLO is exceed-
ed. In noisy applications, bypass VCC to ground with a
0.1µF capacitor as close to the device as possible. The
additional capacitor improves transient immunity. For
fast-rising VCC transients, additional capacitance may
be required
CF
ts x I
V
SRT
RP
SRT
TH SRT
()
()
_
=
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
22
______________________________________________________________________________________
MARGIN
RESET
INTERNAL
RESET
SIGNAL
tRP
tRP
VTH
VTH + VTH_HYST
VTH + VTH_HYST
VIN
Figure 15. Margin Output Disable (MARGIN) Affect on RESET Outside tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com