Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 18Page - Maxim Integrated Products MAX16005 Datasheet HTML 19Page - Maxim Integrated Products MAX16005 Datasheet HTML 20Page - Maxim Integrated Products MAX16005 Datasheet HTML 21Page - Maxim Integrated Products MAX16005 Datasheet HTML 22Page - Maxim Integrated Products MAX16005 Datasheet HTML 23Page - Maxim Integrated Products MAX16005 Datasheet HTML 24Page - Maxim Integrated Products MAX16005 Datasheet HTML 25Page - Maxim Integrated Products MAX16005 Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
______________________________________________________________________________________
25
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
12 TQFN
T1244-4
21-0139
16 TSSOP
U16-2
21-0108
16 TQFN
T1644-4
21-0139
20 TQFN
T2044-3
21-0139
24 TQFN
T2444-4
21-0139
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
Chip Information
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX16001_TE+
-40
°C to +125°C
16 TQFN-EP*
MAX16002_TC+
-40
°C to +125°C
12 TQFN-EP*
MAX16003_TE+
-40
°C to +125°C
16 TQFN-EP*
MAX16004_TP+
-40
°C to +125°C
20 TQFN-EP*
MAX16005_TE+
-40
°C to +125°C
16 TQFN-EP*
MAX16005_UE+
-40
°C to +125°C
16 TSSOP
MAX16006_TG+
-40
°C to +125°C
24 TQFN-EP*
MAX16007_TP+
-40
°C to +125°C
20 TQFN-EP*
Note: The “_” is a placeholder for the input voltage threshold.
See Table 1.
+
Denotes lead(Pb)-free/RoHS-compliant package.
For tape-and-reel, add a “T” after the “+.” Tape-and-reel are
offered in 2.5k increments.
*
EP = Exposed pad.
PART
MONITORED
VOLTAGES
INDEPENDENT
OUTPUTS
RESET
WDI/
WDO
MR
ADJUSTABLE
RESET
TIMEOUT
MAX16000
4
4
————
MAX16001
4
4
✔
WDI
✔✔
MAX16002
4
—
✔
WDI
✔✔
MAX16003
6
6
————
MAX16004
6
6
✔
WDI
✔✔
MAX16005
6
—
✔
WDI/
WDO
✔✔
MAX16006
8
8
✔
WDI
✔✔
MAX16007
8
—
✔
WDI
✔✔
Selector Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com