Electronic Components Datasheet Search
  English  ▼

X  

MAX16005 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 14Page - Maxim Integrated Products MAX16005 Datasheet HTML 15Page - Maxim Integrated Products MAX16005 Datasheet HTML 16Page - Maxim Integrated Products MAX16005 Datasheet HTML 17Page - Maxim Integrated Products MAX16005 Datasheet HTML 18Page - Maxim Integrated Products MAX16005 Datasheet HTML 19Page - Maxim Integrated Products MAX16005 Datasheet HTML 20Page - Maxim Integrated Products MAX16005 Datasheet HTML 21Page - Maxim Integrated Products MAX16005 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
18
______________________________________________________________________________________
Detailed Description
The MAX16000–MAX16007 are low-voltage, quad-/hex-/
octal-voltage µP supervisors in small thin QFN and TSSOP
packages. These devices provide supervisory functions
for complex multivoltage systems. The MAX16000/
MAX16001/MAX16002 monitor four voltages, the
MAX16003/MAX16004/MAX16005 monitor six voltages,
and the MAX16006/MAX16007 monitor eight voltages.
The MAX16000/MAX16001/MAX16003/MAX16004/
MAX16006 offer independent outputs for each moni-
tored voltage. The MAX16001/MAX16002/MAX16004–
MAX16007 offer a reset output that asserts whenever
any of the monitored voltages fall below their respective
thresholds or the manual reset input is asserted. The
reset output remains asserted for the reset timeout after
all voltages are above their respective thresholds and
the manual reset input is deasserted. The minimum
reset timeout is internally set to 140ms or can be
adjusted with an external capacitor.
All open-drain outputs have internal 30µA pullups that
eliminate the need for external pullup resistors.
However, each output can be driven with an external
voltage up to 5.5V. Other features offered include a
manual reset input, a tolerance pin for selecting 5% or
10% input thresholds, and a margin enable function for
deasserting the outputs during margin testing.
The MAX16001/MAX16002/MAX16004–MAX16007 offer
a watchdog timer that asserts RESET or an indepen-
dent watchdog output (MAX16005) when the watchdog
timeout period (1.6s typ) is exceeded. The watchdog
timer can be disabled by floating the input.
Applications Information
Undervoltage-Detection Circuit
The open-drain outputs of the MAX16000–MAX16007
can be configured to detect an undervoltage condition.
Figure 6 shows a configuration where an LED turns on
when the comparator output is low, indicating an
undervoltage condition. These devices can also be
used in applications such as system supervisory moni-
toring, multivoltage level detection, and VCC bar-graph
monitoring (Figure 7).
Tolerance (TOL)
The MAX16000–MAX16007 feature a pin-selectable
threshold tolerance. Connect TOL to GND to select 5%
threshold tolerance. Connect TOL to VCC to select 10%
threshold tolerance.
Window Detection
A window detector circuit uses two auxiliary inputs in
the configuration shown in Figure 8. External resistors
set the two threshold voltages of the window detector
circuit. External logic gates create the OUT signal. The
window detection width is the difference between the
threshold voltages (Figure 9).
MAX16000
MAX16001
GND
VCC
IN1
V1
5V
V2
V3
V4
OUT1
IN2
IN3
IN4
OUT2
OUT3
OUT4
Figure 6. Quad Undervoltage Detector with LED Indicators
MAX16000
MAX16001
GND
D2
VCC
IN1
VIN(5V)
5V
OUT1
IN2
IN3
IN4
OUT2
OUT3
OUT4
D1
D3
D4
Figure 7. VCC Bar-Graph Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com