Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 27Page - Exar Corporation XRT75R12IB Datasheet HTML 28Page - Exar Corporation XRT75R12IB Datasheet HTML 29Page - Exar Corporation XRT75R12IB Datasheet HTML 30Page - Exar Corporation XRT75R12IB Datasheet HTML 31Page - Exar Corporation XRT75R12IB Datasheet HTML 32Page - Exar Corporation XRT75R12IB Datasheet HTML 33Page - Exar Corporation XRT75R12IB Datasheet HTML 34Page - Exar Corporation XRT75R12IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
XRT75R12
28
REV. 1.0.4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
FIGURE 15. TRANSMITTER TERMINAL INPUT TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TxClk
Duty Cycle
30
50
70
%
TxClk Frequency
E3
DS-3
STS-1
34.368
44.736
51.84
MHz
MHz
MHz
tRTX
TxClk Rise Time (10% to 90%)
4
ns
tFTX
TxClk Fall Time (10% to 90%)
4
ns
tTSU
TPData/TNData to TxClk falling set up time
3
ns
tTHO
TPData/TNData to TxClk falling hold time
3
ns
FIGURE 16. SINGLE-RAIL OR NRZ DATA FORMAT (ENCODER AND DECODER ARE ENABLED)
TPData or
TNData
TTIP or
TRing
TxClk
t
TSU
t
THO
t
RTX
t
FTX
TxClk
TPData
Data
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com