Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 65Page - Exar Corporation XRT75R12IB Datasheet HTML 66Page - Exar Corporation XRT75R12IB Datasheet HTML 67Page - Exar Corporation XRT75R12IB Datasheet HTML 68Page - Exar Corporation XRT75R12IB Datasheet HTML 69Page - Exar Corporation XRT75R12IB Datasheet HTML 70Page - Exar Corporation XRT75R12IB Datasheet HTML 71Page - Exar Corporation XRT75R12IB Datasheet HTML 72Page - Exar Corporation XRT75R12IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
XRT75R12
66
REV. 1.0.4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
TABLE 30: SOURCE LEVEL INTERRUPT ENABLE REGISTER - CHANNEL n ADDRESS LOCATION = 0XM1
(n = [0:11] & M= 0-5 & 8-D)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Change of FL
Condition
Interrupt Enable
Ch n
Change of LOL
Condition
Interrupt Enable
Ch n
Change of LOS
Condition
Interrupt Enable
Ch n
Change of
DMO Condition
Interrupt Enable
Ch n
R/W
R/W
R/W
R/W
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 4
Reserved
R/O
3
Change of FL
Condition Interrupt
Enable - Ch n
R/W
Change of FL (FIFO Limit Alarm) Condition Interrupt Enable - Ch n:
This READ/WRITE bit-field is used to enable or disable the Change of FIFO
Limit Alarm Condition Interrupt. If the user enables this interrupt, the
XRT75R12 will generate an interrupt if any of the following events occur.
• Whenever the Jitter Attenuator (within Channel n) declares the FL (FIFO
Limit Alarm) condition.
• Whenever the Jitter Attenuator (within Channel n) clears the FL (FIFO
Limit Alarm) condition.
0 - Disables the Change in FL Condition Interrupt.
1 - Enables the Change in FL Condition Interrupt.
2
Change of LOL
Condition Interrupt
Enable
R/W
Change of Receive LOL (Loss of Lock) Condition Interrupt Enable - Channel
n:
This READ/WRITE bit-field is used to enable or disable the Change of
Receive LOL Condition Interrupt. If the user enables this interrupt, then the
XRT75R12 will generate an interrupt any time any of the following events
occur.
• Whenever the Receive Section (within Channel n) declares the Loss of
Lock Condition.
• Whenever the Receive Section (within Channel n) clears the Loss of Lock
Condition.
0 - Disables the Change in Receive LOL Condition Interrupt.
1 - Enables the Change in Receive LOL Condition Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com