Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 69Page - Exar Corporation XRT75R12IB Datasheet HTML 70Page - Exar Corporation XRT75R12IB Datasheet HTML 71Page - Exar Corporation XRT75R12IB Datasheet HTML 72Page - Exar Corporation XRT75R12IB Datasheet HTML 73Page - Exar Corporation XRT75R12IB Datasheet HTML 74Page - Exar Corporation XRT75R12IB Datasheet HTML 75Page - Exar Corporation XRT75R12IB Datasheet HTML 76Page - Exar Corporation XRT75R12IB Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
XRT75R12
70
REV. 1.0.4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
5
Digital LOS Defect
Declared
R/O
Digital LOS Defect Declared:
This READ-ONLY bit-field indicates whether or not the Digital LOS (Loss of
Signal) detector is declaring the LOS Defect condition.
For DS3 and STS-1 applications, the Digital LOS Detector will declare the
LOS Defect condition whenever it detects an absence of pulses (within the
incoming DS3 or STS-1 data-stream) for 160 consecutive bit-periods.
Further, (again for DS3 and STS-1 applications) the Digital LOS Detector
will clear the LOS Defect condition whenever it determines that the pulse
density (within the incoming DS3 or STS-1 signal) is at least 33%.
0 - Indicates that the Digital LOS Detector is NOT declaring the LOS Defect
Condition.
1 - Indicates that the Digital LOS Detector is currently declaring the LOS
Defect condition.
NOTES:
1.
LOS Detection (within each channel of the XRT75R12) is
performed by both an Analog LOS Detector and a Digital LOS
Detector. The LOS state of a given Channel is simply a WIRED-
OR of the LOS Defect Declare states of these two detectors.
2.
The current LOS Defect Condition (for the channel) can be
determined by reading out the contents of Bit 1 (Receive LOS
Defect Declared) within this register.
4
Analog LOS Defect
Declared
R/O
Analog LOS Defect Declared:
This READ-ONLY bit-field indicates whether or not the Analog LOS (Loss of
Signal) detector is declaring the LOS Defect condition.
For DS3 and STS-1 applications, the Analog LOS Detector will declare the
LOS Defect condition whenever it determines that the amplitude of the
pulses (within the incoming DS3/STS-1 line signal) drops below a certain
Analog LOS Defect Declaration threshold level.
Conversely, (again for DS3 and STS-1 applications) the Analog LOS Detec-
tor will clear the LOS Defect condition whenever it determines that the
amplitude of the pulses (within the incoming DS3/STS-1 line signal) has
risen above a certain Analog LOS Defect Clearance threshold level.
It should be noted that, in order to prevent "chattering" within the Analog
LOS Detector output, there is some built-in hysteresis between the Analog
LOS Defect Declaration and the Analog LOS Defect Clearance threshold
levels.
0 - Indicates that the Analog LOS Detector is NOT declaring the LOS Defect
Condition.
1 - Indicates that the Analog LOS Detector is currently declaring the LOS
Defect condition.
NOTES:
1.
LOS Detection (within each channel of the XRT75R12) is
performed by both an Analog LOS Detector and a Digital LOS
Detector. The LOS state of a given Channel is simply a WIRED-
OR of the LOS Defect Declare states of these two detectors.
2.
The current LOS Defect Condition (for the channel) can be
determined by reading out the contents of Bit 1 (Receive LOS
Defect Declared) within this register.
TABLE 34: ALARM STATUS REGISTER - CHANNEL n ADDRESS LOCATION = 0XM3
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com