Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 34Page - Exar Corporation XRT75R12IB Datasheet HTML 35Page - Exar Corporation XRT75R12IB Datasheet HTML 36Page - Exar Corporation XRT75R12IB Datasheet HTML 37Page - Exar Corporation XRT75R12IB Datasheet HTML 38Page - Exar Corporation XRT75R12IB Datasheet HTML 39Page - Exar Corporation XRT75R12IB Datasheet HTML 40Page - Exar Corporation XRT75R12IB Datasheet HTML 41Page - Exar Corporation XRT75R12IB Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
XRT75R12
35
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
TABLE 9: DS3 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS (GR-499)
NOTE: The above values are at TA = 250C and VDD = 3.3V ± 5%.
TABLE 8: DS3 PULSE MASK EQUATIONS
TIME IN UNIT INTERVALS
NORMALIZED AMPLITUDE
LOWER CURVE
-0.85
< T < -0.36
- 0.03
-0.36
< T < 0.36
0.36
< T < 1.4
- 0.03
UPPER CURVE
-0.85
< T < -0.68
0.03
-0.68
< T < 0.36
0.36
< T < 1.4
0.08 + 0.407 x e-1.84[T-0.36]
PARAMETER
MIN
TYP
MAX
UNITS
TRANSMITTER LINE SIDE OUTPUT CHARACTERISTICS
Transmit Output Pulse Amplitude
(measured with TxLEV = 0)
0.65
0.75
0.85
Vpk
Transmit Output Pulse Amplitude
(measured with TxLEV = 1)
0.90
1.00
1.10
Vpk
Transmit Output Pulse Width
10.10
11.18
12.28
ns
Transmit Output Pulse Amplitude Ratio
0.90
1.00
1.10
Transmit Intrinsic Jitter
0.02
0.05
UIpp
RECEIVER LINE SIDE INPUT CHARACTERISTICS
Receiver Sensitivity (length of cable)
900
1100
feet
Jitter Tolerance @ 400 KHz (Cat II)
0.15
UIpp
Signal Level to Declare Loss of Signal
Refer to
Table 3
Signal Level to Clear Loss of Signal
Refer to
Table 3
0.5 1
π
2
--- 1
T
0.18
-----------
+
sin
+
·
0.03
–
0.5 1
π
2
--- 1
T
0.34
-----------
+
sin
+
·
0.03
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com