Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 78Page - Exar Corporation XRT75R12IB Datasheet HTML 79Page - Exar Corporation XRT75R12IB Datasheet HTML 80Page - Exar Corporation XRT75R12IB Datasheet HTML 81Page - Exar Corporation XRT75R12IB Datasheet HTML 82Page - Exar Corporation XRT75R12IB Datasheet HTML 83Page - Exar Corporation XRT75R12IB Datasheet HTML 84Page - Exar Corporation XRT75R12IB Datasheet HTML 85Page - Exar Corporation XRT75R12IB Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
XRT75R12
79
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
1
STS-1/
DS3_n
R/W
STS-1/DS3 Mode Select - Channel_n:
This READ/WRITE bit-field, along with Bit 2 (E3_n) is used to configure a
given channel into either the DS3, E3 or STS-1 Modes.
This bit-field is ignored if Bit 2 (E3_n) has been set to "1".
If Bit 2 (E3_n) is a 0:
0 - Configures Channel_n to operate in the DS3 Mode.
1 - Configures Channel_n to operate in the STS-1 Mode .
0
SR/DR_n
R/W
Single-Rail/Dual-Rail Select - Channel_n:
This READ/WRITE bit-field is used to configure Channel_n to operate in
either the Single-Rail or Dual-Rail Mode.
If the user configures the Channel to operate in the Single-Rail Mode, the
following will happen.
• The B3ZS/HDB3 Encoder and Decoder blocks (within Channel_n) will be
enabled.
• The Transmit Section of Channel_n will accept all of the outbound data
(from the System-side Equipment) via the TxPOS_n input pin.
• The Receive Section of each channel will output all of the recovered data
(to the System-side Equipment) via the RxPOS_n output pin.
• The corresponding RNEG/LCV_n output pin will now function as the LCV
(Line Code Violation or Excessive Zero Event) indicator output pin for
Channel_n.
If the user configures Channel_n to operate in the Dual-Rail Mode, the fol-
lowing will happen.
• The B3ZS/HDB3 Encoder and Decoder blocks of Channel_n will be
disabled.
• The Transmit Section of Channel_n will be configured to accept positive-
polarity data via the TxPOS_n input pin and negative-polarity data via the
TxNEG_n input pin.
• The Receive Section of Channel_n will pulse the RxPOS_n output pin
"High" (for one period of RCLK_n) for each time a positive-polarity pulse is
received via the RTIP_n/RRING_n input pins.
Likewise, the Receive
Section of each channel will pulse the RxNEG_n output pin "High" (for
one period of RxCLK_n) for each time a negative-polarity pulse is
received via the RTIP_n/RRING_n input pins.
0 - Configures Channel_n to operate in the Dual-Rail Mode.
1 - Configures Channel_n to operate in the Single-Rail Mode.
TABLE 40: CHANNEL CONTROL REGISTER - CHANNEL n ADDRESS LOCATION = 0XM6
(n = [0:11] & M= 0-5 & 8-D)
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com